Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 34Page - Richtek Technology Corporation RT3624LE Datasheet HTML 35Page - Richtek Technology Corporation RT3624LE Datasheet HTML 36Page - Richtek Technology Corporation RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
38
Compensator Design
The compensator of the RT3624LE doesn't need a
complex type II or type III compensator to optimize
control loop performance. It can adopt a simple type I
compensator (one pole, one zero) in the G-NAVPTM
topology to fine tune ACLL performance. The one pole
and one zero compensator is shown in Figure 17. For
IMVP9.1 ACLL specification, it is recommended to
adjust compensator according to load transient ring
back level. Refer to the design tool for default
compensator values.
C2
C1
+
-
EA
VID
REA1
REA2
COMP
FB
VSEN
Figure 17. Type I Compensator
Differential Remote Sense Setting
The VR provides differential remote-sense inputs to
eliminate the effects of voltage drops along the PC
board traces, CPU internal power routes and socket
contacts. The CPU contains on-die sense pins,
VCC_SENSE and VSS_SENSE. The related connection is
shown in Figure 18. The VID voltage (DAC) is
referenced to RGND to provide accurate voltage at
remote CPU side. While CPU is not mounted on the
system, two resistors of typical 100
Ω are required to
provide output voltage feedback.
CPU VCC_SENSE
-
+
FB
RGND
EA
VID
100
CPU VSS_SENSE
COUT
C1
REA1
CPU
100
VSEN
Figure 18. Remote Sensing Circuit
Switching Frequency Setting
The
RT3624LE G-NAVPTM (Green
Native
AVP)
topology is one kind of current-mode constant on-time
control. It generates an adaptive TON (PWM) with input
voltage (VIN) for better line regulation. The TON is also
adaptive to VID voltage to achieve constant frequency
concept. The constant switching frequency operation
makes the thermal estimation easy. The RT3624LE
provides a parameter setting of kTON to design TON
width. kTON is set by PIN-SETTING of kTON[2:0]. The
related setting table is listed in Table 13.
The equations of TON are listed as below :
VID
≥ 0.93V
Ton=2.206u×
VID
kT
ON∙(VIN)+14ns
VID < 0.93V
Ton=2.05158u×
1
kTON∙(VIN)
+14ns
Table 13. PIN-SETTING of kTON
kTON[2:0]
kTON
000
0.64
001
0.82
010
1
011
1.18
100
1.36
101
1.55
110
1.73
111
2.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com