Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 33Page - Richtek Technology Corporation RT3624LE Datasheet HTML 34Page - Richtek Technology Corporation RT3624LE Datasheet HTML 35Page - Richtek Technology Corporation RT3624LE Datasheet HTML 36Page - Richtek Technology Corporation RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
37
Dynamic VID (DVID) Compensation
During DVID transition, an extra current is required to
charge output capacitors for increasing voltage. The
charging current approximates to the product of the
DVID slew rate and output capacitance. For droop
system, the extra charging current induces extra
voltage droop so that the output voltage cannot reach
the target within the specified time. The extra voltage
drop approximates to DVID Slew Rate x Output
Capacitance x RLL (RLL is the load-line slope,
Ω). This
phenomenon is called droop effect. How charging
current affects loop is illustrated in Figure 15. The
RT3624LE provides one DVID compensation function
as shown in Figure 16. An internal current IDVID_LIFT
sinks internally from
FB pin to generate DVID
compensation, IDVID_LIFT×REA1. IDVID_LIFT for fast DVID
SR
can
be
set
from
SET3
PIN-SETTING
of
DVID_LIFT[1], 10
µA and 20µA. For different scale of
DVID
SR,
IDVID_LIFT
is
internally
adjusted.
Compensating magnitude can also be adjusted by
REA1. When DAC output reaches the target ( ALERT
issue timing), inductor current is still high and needs a
time to settle down to the DC loading current. In the
settling time, the falling down current keeps charging
output capacitor (The magnitude is related with
inductor,
capacitance
and
VID).
Thus,
DVID
compensation can be less than DVID Slew Rate x
Output Capacitance (Capacitance degeneration should
be considered). While output capacitance is so large
that DVID compensation cannot cover, adding a
resistor and capacitor from FB to GND also can provide
similar function. The ERROR AMP compensation
(resistance and capacitance network among VSEN, FB
and COMP) also affects DVID behavior. The final
setting should be based on actual measurement.
VSEN
Droop Effect
Charging
Current
for DVID
Inductor Current
VID
Figure 15. Droop Effect in VID Transition
VIN
Gate
Driver
Q1
Q2
RESR
CO2
C2
CO1
Current
Sense
C1
+
-
EA
+
-
VID
+
-
IDVID_LIFT
REA1
REA2
TON
GEN/
Driver
Interface
PWM
CMP
Cx
Rx
Lx
DCR
Charging
Current
for DVID
Inductor Current
VID
DVID Compensation
Improved VSEN
Optional for extra large
output capacitance
Figure 16. DVID Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com