Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 14Page - Richtek Technology Corporation RT3624LE Datasheet HTML 15Page - Richtek Technology Corporation RT3624LE Datasheet HTML 16Page - Richtek Technology Corporation RT3624LE Datasheet HTML 17Page - Richtek Technology Corporation RT3624LE Datasheet HTML 18Page - Richtek Technology Corporation RT3624LE Datasheet HTML 19Page - Richtek Technology Corporation RT3624LE Datasheet HTML 20Page - Richtek Technology Corporation RT3624LE Datasheet HTML 21Page - Richtek Technology Corporation RT3624LE Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
18
ISEN4N
ISEN4P
PWM4
4
3
RT3624LE
50
VCC
47
R2
2.2 Ω
C2
4.7µF
5V
ISEN3N
ISEN3P
PWM3
48
1
2
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9610C
EN
DRVEN
C52
1µF
5V
VIN
C53
0.1µF
C54
L6
R68
Q11
Q12
R69
C57
0.1µF
R66
2.2
C56
R67
R71
680
Ω
Ω
C55
R70
Optional
Optional
C58
0.1µF
R77
10k
Figure 3. 3-Phases Operation Setting
Rail Disable
Pulling ISEN1N to VCC programs GTUS rail disabled.
The unused ISENxP pins are recommended to connect
to VCC and the unused PWMx pins can be floating.
Pulling ISENA1N to VCC programs VCCSA rail
disabled. The unused ISENAxP pins are recommended
to connect to VCC and the unused PWMAx pins can be
floating. Pulling the PSYS pin to (VCC – 0.5V)
programs input power domain rail disabled. RT3624LE
rejects any commands to the input power domain rail.
The unused ISENP_AUX pin and ISENN_AUX pin are
recommended to connect to VCC.
Acoustic Noise Suppression
The RT3624LE supports acoustic noise suppression
function for reducing acoustic noise induced by
piezoelectric effect from MLCC. As output voltage
transition occurs, especially in dynamic VID, the
vibrating MLCC produces acoustic noise if the vibrating
frequency falls into audible band and the noise level is
related to the output voltage transition amplitude ∆V.
Therefore, the RT3624LE adopts acoustic noise
suppression function which is enabled by pulling ANS
pin to VCC to reduce ∆V when SetVID down and
SetVID Decay down in DEM mode.
PIN-SETTING Mechanism
The RT3624LE provides multiple parameters for
platform
setting
and
BOM
optimization.
These
parameters can be set through SETx and TSEN pins.
The
RT3624LE
adopts
two-step
PIN-SETTING
mechanism to maximize IC pin utilization. Figure 4
illustrates this operating mechanism for SETx.
The Vdivider and Vcurrent can be represented as
follows:
R2
R1
R2
R1
80uA
3.2V
R2
R1
R2
V
3.2V
R2
R1
R2
V
current
divider
+
×
×
+
×
+
=
×
+
=
VREF =
3.2V
R1
R2
SETx
80
μA
SETx
Divider-Register
ADC
SETx
IXR-Register
Figure 4. Operating Mechanism for SETx
Divider-Register and IXR-Register set the specified
functions. For example, Divider-Register of SET1 sets
VBOOT and ICCMAX of GTUS rail; IXR-Register of
SET1 sets VCCSA rail ICCMAX. All setting functions
are summarized in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com