Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 35Page - Richtek Technology Corporation RT3624LE Datasheet HTML 36Page - Richtek Technology Corporation RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
39
The switching frequency can be derived from TON as shown below. The losses in the GTUS power stage and driver
characteristics are considered.
Freq=
VID+
ICC
N
×(DCR+
RONLS,max
nLS
-N×RLL)
�V
IN+
ICC
N
×
�RONLS,max
nLS
-
RON
HS,max
nHS
���T
ON-TD+TON, VAR
�+ICC
N
×
RONLS,max
nLS
×TD
VID: VID voltage
VIN: input voltage
ICC: loading current
N: total phase number
RON
HS,max: maximum equivalent high-side RDS(ON)
nHS: number of high-side MOSFETs
RON
LS,max
: maximum equivalent low-side RDS(ON)
nLS: number of low-side MOSFETs.
TD: summation of the high-side MOSFET delay time and rising time
TON, VAR: on-time variation value
DCR: inductor DCR
RLL: load-line setting (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com