Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 9Page - Richtek Technology Corporation RT3624LE Datasheet HTML 10Page - Richtek Technology Corporation RT3624LE Datasheet HTML 11Page - Richtek Technology Corporation RT3624LE Datasheet HTML 12Page - Richtek Technology Corporation RT3624LE Datasheet HTML 13Page - Richtek Technology Corporation RT3624LE Datasheet HTML 14Page - Richtek Technology Corporation RT3624LE Datasheet HTML 15Page - Richtek Technology Corporation RT3624LE Datasheet HTML 16Page - Richtek Technology Corporation RT3624LE Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
13
GTUS VR Dynamic VID Up
Time (10
µs/Div)
VIN = 19V, VID = 0.6V to 0.9V,
VGTUS
(200mV/Div)
VCLK
(1V/Div)
VDIO
(1V/Div)
ALERT
(1V/Div)
Slew Rate = Slow
GTUS VR Dynamic VID Down
Time (10
µs/Div)
VIN = 19V,
VID = 0.9V to 0.6V,
VGTUS
(200mV/Div)
VCLK
(1V/Div)
VDIO
(1V/Div)
ALERT
(1V/Div)
Slew Rate = Slow
GTUS VR Dynamic VID Up
Time (5
µs/Div)
VIN = 19V, VID = 0.6V to 0.9V,
VGTUS
(200mV/Div)
VCLK
(1V/Div)
VDIO
(1V/Div)
ALERT
(1V/Div)
Slew Rate = Fast
GTUS VR Dynamic VID Down
Time (5
µs/Div)
VGTUS
(200mV/Div)
VCLK
(1V/Div)
VDIO
(1V/Div)
ALERT
(1V/Div)
VIN = 19V, VID 0.9V to 0.6V,
Slew Rate = Fast
GTUS VR Mode Transient
Time (50
µs/Div)
VIN = 19V, VID = 0.9V, PS0 to PS2, ILOAD = 2A
VGTUS
(20mV/Div)
Offset 0.9V
VDIO
(1V/Div)
PWM1
(5V/Div)
PWM2
(5V/Div
GTUS VR Mode Transient
Time (50
µs/Div)
VGTUS
(20mV/Div)
Offset 0.9V
VDIO
(1V/Div)
PWM1
(5V/Div)
PWM2
(5V/Div
VIN = 19V, VID = 0.9V, PS2 to PS0, ILOAD = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com