Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 13Page - ESS Technology,Inc ES9826 Datasheet HTML 14Page - ESS Technology,Inc ES9826 Datasheet HTML 15Page - ESS Technology,Inc ES9826 Datasheet HTML 16Page - ESS Technology,Inc ES9826 Datasheet HTML 17Page - ESS Technology,Inc ES9826 Datasheet HTML 18Page - ESS Technology,Inc ES9826 Datasheet HTML 19Page - ESS Technology,Inc ES9826 Datasheet HTML 20Page - ESS Technology,Inc ES9826 Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
17
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Audio Output Formats
The ES9826 supports multiple serial output data formats.
In Hardware mode, see Input/Output mode table to configure the output format. Hardware mode is limited to a single output
format. Since S/PDIF and PCM data are both on GPIO3, the user must choose between the two options.
In Software mode, the TDM encoder (used for TDM and PCM) is enabled, and the S/PDIF encoder is disabled by default.
In Software mode, both PCM and S/PDIF outputs can be used in parallel since S/PDIF can be mapped to any GPIO.
PCM (I2S, LJ)
Data is packaged as 2 channel slots per data line. Either ADC can be mapped to either the first or second slot of the frame
through Registers 7[4:0] & 8[4:0] TDM_SLOT_SEL_CHx. Data is latched on the positive edge of BCLK.
Pin Name
Function
Description
DATA_CLK
I2S BCLK
I2S clock (Bit Clock), Master or Slave
DATA1
I2S WS
I2S WS (Word Select/Frame Select), Master or Slave
GPIO3/DATA2
I2S DATA
I2S DATA
Table 10 - PCM pin connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com