Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 76 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 76 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 72Page - ESS Technology,Inc ES9826 Datasheet HTML 73Page - ESS Technology,Inc ES9826 Datasheet HTML 74Page - ESS Technology,Inc ES9826 Datasheet HTML 75Page - ESS Technology,Inc ES9826 Datasheet HTML 76Page - ESS Technology,Inc ES9826 Datasheet HTML 77Page - ESS Technology,Inc ES9826 Datasheet HTML 78Page - ESS Technology,Inc ES9826 Datasheet HTML 79Page - ESS Technology,Inc ES9826 Datasheet HTML 80Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
76
Register 230: AUTO FS READ
Bits
[7]
[6]
[5:0]
Default
-
-
-
Bits
Mnemonic
Description
[7]
RATIO_VALID
Validity of the MCLK/CLK_ADC ratio.
(
N + 1
M
) ∗ 128 MCLK periods in a WS frame.
• 1'b0: Invalid ratio
• 1'b1: Valid ratio
[6]
ADC_HALF_DIV_AUTO
Result (M) of the automatic sample rate detect (reg0[5]
AUTO_FS_DETECT) logic.
• 1'b0: CLK_ADC is an integer multiple of MCLK, M = 1.
• 1'b1: CLK_ADC is a N*0.5 multiple of MCLK, M = 2.
[5:0]
ADC_DIV_AUTO
Result (N) of the automatic sample rate detect (reg0[5]
AUTO_FS_DETECT) logic.
������������ [������������] =
������ ∗ ������������������������
(������ + 1) ∗ 128
Register 231: AUTO CH NUM READ
Bits
[7]
[6]
[5]
[4:0]
Default
-
-
-
-
Bits
Mnemonic
Description
[7]
CH2_DC_VALID
Validity of the CH2 DC value.
• 1'b0: Invalid
• 1'b1: Valid
[6]
CH1_DC_VALID
Validity of the CH1 DC value.
• 1'b0: Invalid
• 1'b1: Valid
[5]
TDM_VALID
TDM valid flag
• 1'b0: Invalid
• 1'b1: Valid
[4:0]
AUTO_CH_NUM
Result of the automatic TDM channel logic.
Note: Requires reg6[7] AUTO_CH_DETECT to enable
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com