Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 45 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 45 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 41Page - ESS Technology,Inc ES9826 Datasheet HTML 42Page - ESS Technology,Inc ES9826 Datasheet HTML 43Page - ESS Technology,Inc ES9826 Datasheet HTML 44Page - ESS Technology,Inc ES9826 Datasheet HTML 45Page - ESS Technology,Inc ES9826 Datasheet HTML 46Page - ESS Technology,Inc ES9826 Datasheet HTML 47Page - ESS Technology,Inc ES9826 Datasheet HTML 48Page - ESS Technology,Inc ES9826 Datasheet HTML 49Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
45
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register Map
Addr
(Hex)
Addr
(Dec)
Register
7
6
5
4
3
2
1
0
0x00
0
SYS CONFIG
SOFT_RESET
AUTO_FS_
BLOCK_64FS
AUTO_FS_
DETECT
ENABLE_
64FS_MODE
ENABLE_
SPDIF_ENC
ODE
ENABLE_
TDM_ENCOD
E
ENABLE_AD
C
RESERVED
0x01
1
ADC CLOCK CONFIG1
RESERVED
SELECT_
ADC_HALF
SELECT_ADC_NUM
0x02
2
SYNC CONTROL
FORCE_PHASE_ADC_CLK
RESERVED
FORCE_PHA
SE_CLK_IAD
C
PHASE_
CLK_IADC
AUTO_
CLK_IADC_
PHASE_SYN
C
AUTO_WS_
PHASE_SYN
C
AUTO_
ICG_SYNC
AUTO_FS_C
LK_GEN_SY
NC
0x03
3
I2S/TDM MASTER CLK
CONFIG
MASTER_BCK_DIV
0x04
4
I2S/TDM MASTER MODE
CONFIG
ADC_CLK_DIV2
ADC_CLK_IN
V
MASTER_FRAME_LENGTH
MASTER_WS
_
PULSE_MOD
E
MASTER_BC
K_
INVERT
MASTER_WS
_
INVERT
MASTER_MO
DE_ENABLE
0x05
5
TDM CONFIG1
RESERVED
TDM_VALID_
EDGE
TDM_LJ
TDM_LENGT
H
0x06
6
TDM CONFIG2
AUTO_CH_
DETECT
RESERVED
TDM_CH_NUM
0x07
7
TDM CH1 SLOT CONFIG
RESERVED
SLAVE_BCK
_
INVERT
TDM_SLOT_SEL_CH1
0x08
8
TDM CH2 SLOT CONFIG
RESERVED
TDM_SLOT_SEL_CH2
0x09 -
0x0B
9 - 11
RESERVED
RESERVED
0x0C
12
INTERRUPT MASK
INT_MASK_
CH2_ARE_
ENGAGED
INT_MASK_
CH1_ARE_
ENGAGED
RESERVED
INT_MASK_
CH2_PEAK_
DET
INT_MASK_
CH1_PEAK_
DET
INT_MASK_
CH2_PEAK_
LATCH
INT_MASK_
CH1_PEAK_
LATCH
0x0D
13
S/PDIF CONFIG
SPDIF_CS
0x0E
14
SPDIF_CS
0x0F
15
SPDIF_CS
0x10
16
SPDIF_CS
0x11
17
SPDIF_CS
0x12
18
RESERVED
RESERVED
0x13
19
INTERRUPT CLEAR
RESERVED
INT_CLEAR_
CH2_PEAK_
LATCH
INT_CLEAR_
CH1_PEAK_
LATCH
0x14
20
RESERVED
RESERVED
0x15 -
0x18
21 - 24
RESERVED
RESERVED
0x19
25
VREF CONFIG
RESERVED
ENFCB
0x1A
26
RESERVED
RESERVED
0x1B
27
GPIO3/4 CONFIG
GPIO4_CFG
GPIO3_CFG
0x1C
28
GPIO5/6 CONFIG
GPIO6_CFG
GPIO5_CFG
0x1D
29
GPIO CONTROLS 1
RESERVED
GPIO6_OE
GPIO5_OE
GPIO4_OE
GPIO3_OE
RESERVED
0x1E
30
GPIO CONTROLS 2
GPIO4_WK_EN
GPIO3_WK_
EN
RESERVED
GPIO6_SDB
GPIO5_SDB
GPIO4_SDB
GPIO3_SDB
0x1F
31
GPIO CONTROLS 3
INVERT_GPIO6
INVERT_GPI
O5
INVERT_GPI
O4
INVERT_GPI
O3
RESERVED
GPIO6_WK_
EN
GPIO5_WK_
EN
0x20
32
GPIO READ
RESERVED
GPIO6_REA
D
GPIO5_REA
D
GPIO4_REA
D
GPIO3_REA
D
RESERVED
0x21
33
PWM COUNT
PWM_COUNT
0x22
34
PWM FREQUENCY
PWM_FREQ
0x23
35
PWM_FREQ
0x24
36
ADC DATAPATH
CONTROL
RESERVED
BYPASS_FIR
2X
BYPASS_FIR
4X
BYPASS_IIR
3
BYPASS_IIR
2
BYPASS_IIR
1
CH1_AVG
MONO_MOD
E
0x25
37
DC BLOCKING & PDM
INPUT
RESERVED
PDM_PHASE
PDM_
INPUT_SEL
DC_BLOCKI
NG_FILTER_
CH2
DC_BLOCKI
NG_FILTER_
CH1
RESERVED
0x26
38
PEAK DETECTOR
CONFIG
LOCK_PEAK_
VALUE
PEAK_DECAY_RATE
EN_PEAK_
DETECT_CH
2
EN_PEAK_
DETECT_CH
1
0x27
39
CH1 PEAK THRESHOLD
PEAK_THRESH_CH1
0x28
40
CH2 PEAK THRESHOLD
PEAK_THRESH_CH2
0x29 -
0x2C
41 - 44
RESERVED
RESERVED
0x2D
45
CH1 VOLUME
VOLUME_CH1
0x2E
46
VOLUME_CH1
0x2F
47
CH2 VOLUME
VOLUME_CH2
0x30
48
VOLUME_CH2
0x31
49
VOLUME RATE
VOLUME_RATE
0x32
50
THD COMP C2 CH1
THD_C2_CH1
0x33
51
THD_C2_CH1
0x34
52
THD COMP C3 CH1
THD_C3_CH1
0x35
53
THD_C3_CH1
0x36
54
THD COMP C2 CH2
THD_C2_CH2
0x37
55
THD_C2_CH2
0x38
56
THD COMP C3 CH2
THD_C3_CH2
0x39
57
THD_C3_CH2
0x3A
58
16-BIT OUTPUT
RESERVED
EN_16BIT_C
H2
EN_16BIT_C
H1
0x3B
59
FIR FILTER
RESERVED
FILTER_SHAPE
EN_32BIT_C
H2
EN_32BIT_C
H1
0x3C
60
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com