Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9826 Datasheet HTML 1Page - ESS Technology,Inc ES9826 Datasheet HTML 2Page - ESS Technology,Inc ES9826 Datasheet HTML 3Page - ESS Technology,Inc ES9826 Datasheet HTML 4Page - ESS Technology,Inc ES9826 Datasheet HTML 5Page - ESS Technology,Inc ES9826 Datasheet HTML 6Page - ESS Technology,Inc ES9826 Datasheet HTML 7Page - ESS Technology,Inc ES9826 Datasheet HTML 8Page - ESS Technology,Inc ES9826 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Analog Reinvented
ES9826
32-bit High performance 2 Channel ADC w/PGA
Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
1
+123dB DNR per channel (w/ ARE)
+115dB DNR per channel (w/o ARE)
-105dB THD+N per channel
Unprecedented dynamic range and very low distortion
High Sample Rates
Up to PCM 768kHz through I2S and TDM output
Auto Ranging Enhancement (ARE)
Optional feature for enhancing performance
Customizable filter characteristics
8 presets of digital optimal filters
Programmable gain amplifier (PGA)
w/ selectable input impedance
PGA frontend with +0-30dB gain in 3dB steps with 2.5kΩ or 10kΩ input
impedance
Programmable microphone bias
(MIC Bias)
Integrated programmable microphone bias regulator for BOM reduction costs
Stereo PDM digital microphones are also supported
Integrated Analog PLL
Improved low jitter Analog PLL to generate clock and eliminate need for
oscillator.
Multiple Output formats available
PCM, TDM, and S/PDIF outputs are available.
I2C, SPI, and Hardware interface
control
Configured by microcontroller or other I2C/SPI source, or set mode through
Hardware Mode to avoid programming registers.
Ultra-Low Noise Floor Bandwidth
200kHz bandwidth enabling higher resolution at higher sample rates
Integrated low noise ADC reference
regulators
Reduced BOM cost, PCB area and improved DNR if required
Low Power Consumption
Simplifies power supply design
Low Pin Count Standardized
Packaging
5mm x 5mm, 28 pin QFN
The SABRE® ES9826 is a 32-bit analog-to-digital (A/D) converter targeted for professional audio applications such as
recording systems, professional microphones, video conferencing, digital turntables, IP network camera systems, smart
speakers, and other consumer applications.
The ES9826 has 2 integrated ADCs which use ESS’ patented Hyperstream® IV ADC architecture, and a front-end PGA
which delivers unprecedented audio sound quality and specifications, including a DNR of +123dB and a THD+N of
-105dB in 2 channel mode with a 2.5kΩ input impedance.
The ES9826 introduces a new optional Auto Ranging Enhancement (ARE) function that broadens the dynamic range of
the source material while maintaining audio integrity.
The SABRE ADC supports S/PDIF, I2S/LJ master/slave, and TDM digital output formats. The ES9826 can be controlled
by software (I2C/SPI) or hardware mode (HW) to reduce or eliminate programming with external source.
A programmable microphone bias regulator is integrated for reduction of BOM requirements when using analog
microphones.
Built-in digital filters with pre-programmed filter coefficients that allow for sound and latency preferences.
The ES9826 has an Ultra-Low Noise Floor Bandwidth of 200kHz. This bandwidth is up to 10 times wider than the
competition, enabling higher resolution at higher sample rates.
FEATURE
DESCRIPTION


Similar Part No. - ES9826

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9820 ESS-ES9820 Datasheet
1Mb / 117P
32-bit High-Performance 2-Channel ADC
October 13, 2021
ES9820Q ESS-ES9820Q Datasheet
1Mb / 117P
32-bit High-Performance 2-Channel ADC
October 13, 2021
ES9822PRO ESS-ES9822PRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9822QPRO ESS-ES9822QPRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
More results

Similar Description - ES9826

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2487 LINER-LTC2487 Datasheet
672Kb / 32P
16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
logo
ESS Technology,Inc
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
32-bit High Performance Audio ADC
logo
Asahi Kasei Microsystem...
AK5572EN AKM-AK5572EN Datasheet
1Mb / 68P
2-Channel Differential 32-bit ?꾬걪 ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
logo
ESS Technology,Inc
ES9033 ESS-ES9033 Datasheet
1Mb / 103P
32-bit High-Performance 2-Channel DAC with Line Drivers
April 20, 2022
ES9820 ESS-ES9820 Datasheet
1Mb / 117P
32-bit High-Performance 2-Channel ADC
October 13, 2021
ES9822PRO ESS-ES9822PRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9842PRO ESS-ES9842PRO Datasheet
2Mb / 167P
32-bit High-Performance 4-Channel ADC
May 26, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com