Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 35 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 35 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 31Page - ESS Technology,Inc ES9826 Datasheet HTML 32Page - ESS Technology,Inc ES9826 Datasheet HTML 33Page - ESS Technology,Inc ES9826 Datasheet HTML 34Page - ESS Technology,Inc ES9826 Datasheet HTML 35Page - ESS Technology,Inc ES9826 Datasheet HTML 36Page - ESS Technology,Inc ES9826 Datasheet HTML 37Page - ESS Technology,Inc ES9826 Datasheet HTML 38Page - ESS Technology,Inc ES9826 Datasheet HTML 39Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
35
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
PWM Signal
Output a configurable PWM signal. Frequency and duty cycle of PWM signal can be calculated with the following equations:
������������������������������������������������������ [������������] =
������������������������
������������������_������������������������ + 1
������������������������ ������������������������������ [%] = (
������������������_������������������������������
������������������_������������������������ + 1
) × 100
Configured with 8-bit value Register 33: PWM_COUNT and 16-bit value Registers 35-34: PWM_FREQ.
Analog Features
Programmable Gain Amplifier (PGA)
The ES9826 integrates an analog programmable gain amplifier (PGA) with a 0 to +30dB gain in increments of +3dB steps.
Applicable registers:
• Register 62: PGA GAIN CONTROL EN (defaults to 0)
• Register 67: ADC ATTEN SET
• Register 68: PGA GAIN CONTROL
• Register 72: PGA SETTINGS
Auto Ranging Enhancement (ARE)
The ES9826 introduces a new optional Auto Ranging Enhancement (ARE) function that broadens the dynamic range of the
source material while maintaining audio integrity.
ARE is available in software mode only. An ARE application note will be available from ESS FAE or distributor.
Clock Selection
The ES9826 requires a 49.152/45.1584MHz or 24.576/22.5792MHz clock. It can be provided from an external high quality
clock or it can be configured through the integrated PLL by setting the PLL dividers and enables.
• EN_MCLK_IN – Register 193[0]
o
Enables clock inputs to the digital core
• SEL_MCLK_IN – Register 193[2:1]
o
Selection of the ADC & digital core clock (ACLK/PLL)
• EN_PLL_CLK_IN – Register 193[3]
o
Enables SEL_PLL_IN source input
• SEL_PLL_CLK_IN – Register 193[5:4]
o
Selection of PLL clock source (ACLK or BCK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com