Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 36 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 36 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 32Page - ESS Technology,Inc ES9826 Datasheet HTML 33Page - ESS Technology,Inc ES9826 Datasheet HTML 34Page - ESS Technology,Inc ES9826 Datasheet HTML 35Page - ESS Technology,Inc ES9826 Datasheet HTML 36Page - ESS Technology,Inc ES9826 Datasheet HTML 37Page - ESS Technology,Inc ES9826 Datasheet HTML 38Page - ESS Technology,Inc ES9826 Datasheet HTML 39Page - ESS Technology,Inc ES9826 Datasheet HTML 40Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
36
Analog Phase Locked Loop (APLL)
DATA_CLK
φ
REG 1V8
NFB
NO
NI
REG 1V2
FOUT
ACLK
Figure 12 - Functional Block Diagram of ES9826 APLL
The ES9826 has a built in Analog PLL (APLL) for generating frequencies that are unavailable externally. For the application
note on the APLL, please ask your FAE or distributor.
For calculation of the PLL frequency output, use the following formulas:
Where:
a. FBDIV is a 24-bit number
b. PLL frequency range requirements:
a. Fref requirement: 2.5MHz < Fref < 12 MHz
b. Fvco requirement: 90MHz < Fvco < 110MHz
c. Fout requirement: 22.5792/24.576MHz & 45.1584/49.152Mhz
c. Ni = input divider
• Accessible from Reg 202-200[9:1], PLL_CLK_IN_DIV
d. No = output divider
• Accessible from Reg 202-200[13:10], PLL_CLK_OUT_DIV
e. Nfb = feedback divider
• Accessible from Reg 199-197[23:0], PLL_CLK_FB_DIV
Programmable Microphone Regulator (MICBIAS)
ES9826 integrates a low noise programmable regulator intended to power or bias external microphones. MICBIAS is
nominally 2.8V but can be programmed from 1.4-2.8V.
In hardware mode, MICBIAS is disabled.
In software mode, MICBIAS can be enabled by setting Register 78[3] - MB PDB to 1’b1. To program MICBIAS to other
voltages, first set Register 78[6] - MB VR BYPASS and controlled by Register 78 [2:0] - MB VR SET.
������������������������ = (
������������������
������������
)
������������������������ = (
������������������
������������
)∗������������������������������
������������������ =
225
������������������������������
������������������������ = (
������������������
������������
)∗
������������������
������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com