Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 44 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 44 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 40Page - ESS Technology,Inc ES9826 Datasheet HTML 41Page - ESS Technology,Inc ES9826 Datasheet HTML 42Page - ESS Technology,Inc ES9826 Datasheet HTML 43Page - ESS Technology,Inc ES9826 Datasheet HTML 44Page - ESS Technology,Inc ES9826 Datasheet HTML 45Page - ESS Technology,Inc ES9826 Datasheet HTML 46Page - ESS Technology,Inc ES9826 Datasheet HTML 47Page - ESS Technology,Inc ES9826 Datasheet HTML 48Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
44
Register Overview
ES9826 features two different register interfaces. There is a standard I2C slave interface, and a synchronous I2C
slave interface. The standard I2C slave interface requires a system clock present through ACLK or from the PLL to
read and write registers. The synchronous I2C slave interface does not require a system clock, and allows for write-
only configuration of the PLL registers to create a system clock from some reference clock (through DATA_CLK, or
the ACLK pin).
Standard I2C Slave Interface (Device Address 0x40,0x42,0x44,0x46)
Read/Write Registers
Registers 0 – 80 (0x00 – 0x50) are read/write registers.
Read-only Registers
Register 192 – 206 (0xC0 – 0xCE) are PLL read registers.
Registers 224 – 241 (0xE0 – 0xF1) are read only registers.
Synchronous I2C Slave Interface (Device Address 0x48,0x4A,0x4C,0x4E)
This interface contains Write-only registers. These registers can be written even when there is no system clock present.
When CHIP_EN is 0, all peripherals are automatically disabled, and all clocks are stopped.
Write-only Registers
Registers 192 – 206 (0xC0 – 0xCE) are write only registers.
Multi-Byte Registers
Multi-byte registers must be written from LSB to MSB. Data is latched when MSB is written.
Multi-byte registers must be read from LSB to MSB. Data is latched when LSB is read.
MSB is always stored in the highest register address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com