Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 72 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 72 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 68Page - ESS Technology,Inc ES9826 Datasheet HTML 69Page - ESS Technology,Inc ES9826 Datasheet HTML 70Page - ESS Technology,Inc ES9826 Datasheet HTML 71Page - ESS Technology,Inc ES9826 Datasheet HTML 72Page - ESS Technology,Inc ES9826 Datasheet HTML 73Page - ESS Technology,Inc ES9826 Datasheet HTML 74Page - ESS Technology,Inc ES9826 Datasheet HTML 75Page - ESS Technology,Inc ES9826 Datasheet HTML 76Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
72
PLL Registers
Register 192: PLL SOFT RESET
Bits
[7]
[6]
[5:1]
[0]
Default
1'b0
1'b0
5'd0
1'b0
Bits
Mnemonic
Description
[7]
AO_SOFT_RESET
Performs soft reset to digital core and clocked registers (0-80).
[6]
PLL_SOFT_RESET
Performs soft reset to only the PLL registers (192-206).
[5:1]
RESERVED
NA
[0]
PLL_CLK_PHASE_INV
Inverts the PLL clock output.
• 1'b0: Non-inverted (default)
• 1'b1: Inverted
Register 193: PLL CLOCK SELECT
Bits
[7:6]
[5:4]
[3]
[2:1]
[0]
Default
2'b01
2'b10
1'b0
2'b00
1'b1
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5:4]
SEL_PLL_CLK_IN
Selects PLL input clock source when EN_PLL_CLK_IN is set.
• 2'b00: ACLK
• 2'b10: BCK (default)
• Others: Reserved
[3]
EN_PLL_CLK_IN
Allows SEL_PLL_CLK_IN to select PLL input clock source.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[2:1]
SEL_MCLK_IN
Selects digital core and ADC clock source when EN_MCLK_IN
is set.
• 2'b00: ACLK
• 2'b10: PLL_CLK
• Others: Reserved
[0]
EN_MCLK_IN
Enables clock inputs to the digital core.
• 1'b0: Disabled
• 1'b1: Enabled (default)
Register 194: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com