Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 67 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 67 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 63Page - ESS Technology,Inc ES9826 Datasheet HTML 64Page - ESS Technology,Inc ES9826 Datasheet HTML 65Page - ESS Technology,Inc ES9826 Datasheet HTML 66Page - ESS Technology,Inc ES9826 Datasheet HTML 67Page - ESS Technology,Inc ES9826 Datasheet HTML 68Page - ESS Technology,Inc ES9826 Datasheet HTML 69Page - ESS Technology,Inc ES9826 Datasheet HTML 70Page - ESS Technology,Inc ES9826 Datasheet HTML 71Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
67
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 62: PGA GAIN CONTROL EN
Bits
[7]
[6]
[5:0]
Default
1'b0
1'b0
6'd11
Bits
Mnemonic
Description
[7]
PGA_GAIN_CTRL_CH2_EN
Disentangles the PGA gain and ADC attenuation for CH2.
• 1'b0: Datapath gain normalization is enabled (default)
• 1'b1: Datapath gain normalization is disabled. ADC attenuation
is controlled by ADC_ATTEN_SET_CH2. PGA gain is
controlled by PGA_GAIN_SET_CH2.
[6]
PGA_GAIN_CTRL_CH1_EN
Disentangles the PGA gain and ADC attenuation for CH1.
• 1'b0: Datapath gain normalization is enabled (default)
• 1'b1: Datapath gain normalization is disabled. ADC attenuation
is controlled by ADC_ATTEN_SET_CH1. PGA gain is
controlled by PGA_GAIN_SET_CH1.
[5:0]
RESERVED
NA
Register 66-63: RESERVED
Register 67: ADC ATTEN SET
Bits
[7:4]
[3:0]
Default
4'd10
4'd10
Bits
Mnemonic
Description
[7:4]
ADC_ATTEN_SET_CH2
• If ARE is disabled, ADC_ATTEN_SET_CH2 sets the amount of
ADC attenuation (requires PGA_GAIN_CTRL_EN_CH2 = 1).
• If ARE is enabled, ADC_ATTEN_SET_CH2 sets the amount of
PGA gain when ARE is engaged.
Valid from 4'd0 (0dB) to 4'd10 (30dB), 3dB steps. Default is 30dB.
[3:0]
ADC_ATTEN_SET_CH1
• If ARE is disabled, ADC_ATTEN_SET_CH1 sets the amount of
ADC attenuation (requires PGA_GAIN_CTRL_EN_CH1 = 1).
• If ARE is enabled, ADC_ATTEN_SET_CH1 sets the amount of
PGA gain when ARE is engaged.
Valid from 4'd0 (0dB) to 4'd10 (30dB), 3dB steps. Default is 30dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com