Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 64 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 64 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 60Page - ESS Technology,Inc ES9826 Datasheet HTML 61Page - ESS Technology,Inc ES9826 Datasheet HTML 62Page - ESS Technology,Inc ES9826 Datasheet HTML 63Page - ESS Technology,Inc ES9826 Datasheet HTML 64Page - ESS Technology,Inc ES9826 Datasheet HTML 65Page - ESS Technology,Inc ES9826 Datasheet HTML 66Page - ESS Technology,Inc ES9826 Datasheet HTML 67Page - ESS Technology,Inc ES9826 Datasheet HTML 68Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
64
Register 49: VOLUME RATE
Bits
[7:0]
Default
8'h00
Bits
Mnemonic
Description
[7:0]
VOLUME_RATE
Value by which the old coefficient value is
incremented/decremented to reach the new coefficient.
• 8'h00: Instant ramp rate (default)
• 8'h01: Slowest ramp rate
• 8'hFF: Fastest ramp rate
Register 51-50: THD COMP C2 CH1
Bits
[15:0]
Default
16'h0000
Bits
Mnemonic
Description
[15:0]
THD_C2_CH1
A 16-bit signed coefficient for correcting for the CH1 second
harmonic distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3
Register 53-52: THD COMP C3 CH1
Bits
[15:0]
Default
16'h0000
Bits
Mnemonic
Description
[15:0]
THD_C3_CH1
A 16-bit signed coefficient for correcting for the CH1 third
harmonic distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3
Register 55-54: THD COMP C2 CH2
Bits
[15:0]
Default
16'h0000
Bits
Mnemonic
Description
[15:0]
THD_C2_CH2
A 16-bit signed coefficient for correcting for the CH2 second
harmonic distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com