Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 77 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 77 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 73Page - ESS Technology,Inc ES9826 Datasheet HTML 74Page - ESS Technology,Inc ES9826 Datasheet HTML 75Page - ESS Technology,Inc ES9826 Datasheet HTML 76Page - ESS Technology,Inc ES9826 Datasheet HTML 77Page - ESS Technology,Inc ES9826 Datasheet HTML 78Page - ESS Technology,Inc ES9826 Datasheet HTML 79Page - ESS Technology,Inc ES9826 Datasheet HTML 80Page - ESS Technology,Inc ES9826 Datasheet HTML 81Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
77
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 232: GPIO INPUT READ
Bits
[7:6]
[5]
[4]
[3]
[2]
[1:0]
Default
-
-
-
-
-
-
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
GPIO6_I_R
GPIO6 input readback.
[4]
GPIO5_I_R
GPIO5 input readback.
[3]
GPIO4_I_R
GPIO4 input readback.
[2]
GPIO3_I_R
GPIO3 input readback.
[1:0]
RESERVED
NA
Register 234-233: DC CH1
Bits
[15:0]
Default
-
Bits
Mnemonic
Description
[15:0]
CH1_DC_READ
Channel 1 DC value readback.
������������_������������������������������������ [������] =
������������1_������������_������������������������ << 11
231 − 1
Register 236-235: DC CH2
Bits
[15:0]
Default
-
Bits
Mnemonic
Description
[15:0]
CH2_DC_READ
Channel 2 DC value readback.
������������_������������������������������������ [������] =
������������2_������������_������������������������ << 11
231 − 1
Register 238-237: PEAK CH1 READ
Bits
[15:0]
Default
-
Bits
Mnemonic
Description
[15:0]
CH1_PEAK
Channel 1 peak detector value readback.
Note: Requires reg38[0] EN_PEAK_DETECT_CH1 to enable
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com