Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 46 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 46 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 42Page - ESS Technology,Inc ES9826 Datasheet HTML 43Page - ESS Technology,Inc ES9826 Datasheet HTML 44Page - ESS Technology,Inc ES9826 Datasheet HTML 45Page - ESS Technology,Inc ES9826 Datasheet HTML 46Page - ESS Technology,Inc ES9826 Datasheet HTML 47Page - ESS Technology,Inc ES9826 Datasheet HTML 48Page - ESS Technology,Inc ES9826 Datasheet HTML 49Page - ESS Technology,Inc ES9826 Datasheet HTML 50Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
46
0x3D
61
ARE CONTROL
RESERVED
ARE_ENABL
E
0x3E
62
PGA GAIN CONTROL EN
PGA_GAIN_
CTRL_CH2_EN
PGA_GAIN_
CTRL_CH1_
EN
RESERVED
0x3F -
0x42
63 - 66
RESERVED
RESERVED
0x43
67
ADC ATTEN SET
ADC_ATTEN_SET_CH2
ADC_ATTEN_SET_CH1
0x44
68
PGA GAIN CONTROL
PGA_GAIN_SET_CH2
PGA_GAIN_SET_CH1
0x45 -
0x47
69 - 71
RESERVED
RESERVED
0x48
72
PGA SETTINGS
RESERVED
PGA_RIN_C
H2
PGA_RIN_CH1
RESERVED
0x49
73
DIGITAL GAIN
RESERVED
DIGITAL_GAIN_CH2
RESERVED
DIGITAL_GAIN_CH1
0x4A
74
MIX GAIN CH1
MIX_GAIN_CH1
0x4B
75
MIX_GAIN_CH1
0x4C
76
MIX GAIN CH2
MIX_GAIN_CH2
0x4D
77
MIX_GAIN_CH2
0x4E
78
MIC BIAS
RESERVED
MB_VR_BYP
B
RESERVED
MB_PDB
MB_VR_SET
0x4F
79
PDM CLK SELECT
RESERVED
SELECT_PDM_NUM
0x50
80
RESERVED
RESERVED
0xC0
192
PLL SOFT RESET
AO_SOFT_
RESET
PLL_SOFT_
RESET
RESERVED
PLL_CLK_
PHASE_INV
0xC1
193
PLL CLOCK SELECT
RESERVED
SEL_PLL_CLK_IN
EN_PLL_CLK
_IN
SEL_MCLK_IN
EN_MCLK_IN
0xC2
194
RESERVED
RESERVED
0xC3
195
PLL VCO & CP CONFIG
RESERVED
VCO_PDB
CP_PDB
0xC4
196
RESERVED
RESERVED
0xC5
197
PLL FEEDBACK DIV
PLL_CLK_FB_DIV
0xC6
198
PLL_CLK_FB_DIV
0xC7
199
PLL_CLK_FB_DIV
0xC8
200
PLL IN & OUT DIV
PLL_CLK_IN_DIV
PLL_FB_
DIV_LOAD
0xC9
201
RESERVED
PLL_CLK_OUT_DIV
PLL_CLK_IN_DIV
0xCA
202
PLL_REG_PDB
RESERVED
0xCB
203
PLL RESETB
RESERVED
PLL_DIG_RS
TB
RESERVED
0xCC
204
PLL CONFIG
RESERVED
CLKSMP_PD
B
RESERVED
0xCD -
0xCE
205 -
206
RESERVED
RESERVED
0xE0
224
PEAK FLAG READ
PEAK_FLAG_
CH2
PEAK_FLAG
_
CH1
RESERVED
0xE1
225
CHIP ID
CHIP_ID
0xE2 -
0xE5
226 -
229
RESERVED
RESERVED
0xE6
230
AUTO FS READ
RATIO_VALID
ADC_HALF_
DIV_AUTO
ADC_DIV_AUTO
0xE7
231
AUTO CH NUM READ
CH2_DC_VALID
CH1_DC_VA
LID
TDM_VALID
AUTO_CH_NUM
0xE8
232
GPIO INPUT READ
RESERVED
GPIO6_I_R
GPIO5_I_R
GPIO4_I_R
GPIO3_I_R
RESERVED
0xE9
233
DC CH1
CH1_DC_READ
0xEA
234
CH1_DC_READ
0xEB
235
DC CH2
CH2_DC_READ
0xEC
236
CH2_DC_READ
0xED
237
PEAK CH1 READ
CH1_PEAK
0xEE
238
CH1_PEAK
0xEF
239
PEAK CH2 READ
CH2_PEAK
0xF0
240
CH2_PEAK
0xF1
241
ARE READ
RESERVED
ARE_ENGAG
ED_CH2
ARE_ENGAG
ED_CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com