Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826 Datasheet(PDF) 87 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 87 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 80Page - ESS Technology,Inc ES9826 Datasheet HTML 81Page - ESS Technology,Inc ES9826 Datasheet HTML 82Page - ESS Technology,Inc ES9826 Datasheet HTML 83Page - ESS Technology,Inc ES9826 Datasheet HTML 84Page - ESS Technology,Inc ES9826 Datasheet HTML 85Page - ESS Technology,Inc ES9826 Datasheet HTML 86Page - ESS Technology,Inc ES9826 Datasheet HTML 87Page - ESS Technology,Inc ES9826 Datasheet HTML 88Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
87
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
RPC-2 Pb-Free Process – Classification Temperatures (Tc)
Package Thickness
Volume mm3, <350
Volume mm3, 350 to 2000
Volume mm3, >2000
<1.6 mm
260°C
260°C
260°C
1.6 mm – 2.5 mm
260°C
250°C
245°C
>2.5 mm
250°C
245°C
245°C
Table 27 – RPC-2 Pb free classification temperatures
At the discretion of the device manufacturer, but not the board assembler/user, the maximum peak package body
temperature (Tp) can exceed the values specified in Table RPC-2. The use of a higher Tp does not change the
classification temperature (Tc).
Package volume excludes external terminals (e.g., balls, bumps, lands, leads) and/or nonintegral heat sinks.
The maximum component temperature reached during reflow depends on package thickness and volume. The use of
convection reflow processes reduces the thermal gradients between packages. However, thermal gradients due to
differences in thermal mass of SMD packages may still exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com