Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 161 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 161 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 157Page - ESS Technology,Inc ES9842PRO Datasheet HTML 158Page - ESS Technology,Inc ES9842PRO Datasheet HTML 159Page - ESS Technology,Inc ES9842PRO Datasheet HTML 160Page - ESS Technology,Inc ES9842PRO Datasheet HTML 161Page - ESS Technology,Inc ES9842PRO Datasheet HTML 162Page - ESS Technology,Inc ES9842PRO Datasheet HTML 163Page - ESS Technology,Inc ES9842PRO Datasheet HTML 164Page - ESS Technology,Inc ES9842PRO Datasheet HTML 165Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
161
Addendum
The following subsections outline the recommended configuration for Common I2S and TDM modes in s2m format.
I2S Master
FS=48kHz, 4 Channel from 2 data lines of I2S, MCLK=49.152MHz
w 0x48 193 0x01; //SEL_SYSCLK_IN = 00 (XTAL), EN_ANA_CLKIN = 1
//w 0x48 193 0x05; //SEL_SYSCLK_IN = 10 (ACLK), EN_ANA_CLKIN = 1
w 0x48 194 0x01; //SEL_CLK_DIV = 1/2 (sets ADC CLK rate, must be 22 or 24MHz)
w 0 0x00;
//OUTPUT_SEL = 00 (I2S)
w 2 0x07;
//SELECT_ADC_NUM = 7 for 48k/44.1k, 3 for 96k, 1 for 192k
w 3 0x01;
//SELECT_IADC_NUM = 1, should match SEL_CLK_DIV
w 8 0x07;
//MASTER_BCK_DIV1 = 0, MASTER_MODE_ENABLE = 1
w 9 0x07;
//SELECT_I2S_TDM_NUM = 7 for 48k/44.1k
w 10 0x05;
//TDM_VALID_EDGE = 1, ENABLE_TDM_CLK = 1
w 11 0x01;
//TDM_CH_NUM = 1 (# of channels = 1 + TDM_CH_NUM)
w 12 0x00;
//TDM_LINE_SEL_CH1: 00 (GPIO3),
TDM_SLOT_SEL_CH1: 0 (slot 0)
w 13 0x01;
//TDM_LINE_SEL_CH2: 00 (GPIO3),
TDM_SLOT_SEL_CH2: 1 (slot 1)
w 14 0x20;
//TDM_LINE_SEL_CH3: 01 (GPIO4),
TDM_SLOT_SEL_CH3: 0 (slot 0)
w 15 0x21;
//TDM_LINE_SEL_CH4: 01 (GPIO4),
TDM_SLOT_SEL_CH4: 1 (slot 1)
w 23 0x0A;
//FS_PHASE = 10
//GPIO enabling
w 74 0x22;
//GPIO1_CFG and GPIO2_CFG set to AUX output (master mode)
w 75 0x22;
//GPIO3 and GPIO4 set to AUX output
w 86 0x03;
//GPIO1_SDB and GPIO2_SDB input enabled (required)
w 88 0x0F;
//GPIO1_OE and GPIO2_OE and GPIO3_OE and GPIO4_OE output enabled
//ADC CONFIG
w 63 0xBB;
//adc ch1 config
w 64 0x38;
w 65 0xBB;
//adc ch2 config
w 66 0x38;
w 67 0xBB;
//adc ch3 config
w 68 0x38;
w 69 0xBB;
//adc ch4 config
w 70 0x38;
w 71 0xFF;
//set common mode to 3
//ADC filter and datapath registers
w 113 0x98; //ADC1_FILTER_SHAPE = Minimum phase slow roll off
w 130 0x98; //ADC2_FILTER_SHAPE = Minimum phase slow roll off
w 147 0x98; //ADC3_FILTER_SHAPE = Minimum phase slow roll off
w 164 0x98; //ADC4_FILTER_SHAPE = Minimum phase slow roll off
//Enable ADC
w 1 0xFF;
//ENABLE_ADC_CH and ENABLE_DATA_IN_CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com