Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 50 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 50 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 46Page - ESS Technology,Inc ES9842PRO Datasheet HTML 47Page - ESS Technology,Inc ES9842PRO Datasheet HTML 48Page - ESS Technology,Inc ES9842PRO Datasheet HTML 49Page - ESS Technology,Inc ES9842PRO Datasheet HTML 50Page - ESS Technology,Inc ES9842PRO Datasheet HTML 51Page - ESS Technology,Inc ES9842PRO Datasheet HTML 52Page - ESS Technology,Inc ES9842PRO Datasheet HTML 53Page - ESS Technology,Inc ES9842PRO Datasheet HTML 54Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
50
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Figure 11 - Audio Interface Timing Requirements
MCLK edge to BCK edge
The ES9842PRO has a phase relationship requirement between MCLK (System Clock) and BCK (Bit Clock). The internal
ADC_CLK (which must be 24.576/22.5792MHz) is derived from the provided MCLK. It is important to make sure the internal
ADC_CLK does not transition during the serial data transitions. To achieve this, follow the MCLK to BCK timing outlined
below.
Figure 12 - 45/49MHz MCLK with BCK Phase Relationship
Symbol
MCLK [MHz]
Minimum Maximum Unit
BCK “↓” to MCLK “↓”
tBFMF
49.152 / 45.1584
-
10
ns
MCLK “↓” to BCK “↓”
tMFBF
4
-
ns
Table 24 – Timing relationship for 45/49MHz MCLK & BCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com