Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 19 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 19 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 15Page - ESS Technology,Inc ES9842PRO Datasheet HTML 16Page - ESS Technology,Inc ES9842PRO Datasheet HTML 17Page - ESS Technology,Inc ES9842PRO Datasheet HTML 18Page - ESS Technology,Inc ES9842PRO Datasheet HTML 19Page - ESS Technology,Inc ES9842PRO Datasheet HTML 20Page - ESS Technology,Inc ES9842PRO Datasheet HTML 21Page - ESS Technology,Inc ES9842PRO Datasheet HTML 22Page - ESS Technology,Inc ES9842PRO Datasheet HTML 23Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
19
GPIO
GPIO#_CONFIG
Function
I/O Direction
0
analog shutdown
Shutdown (default)
1
Aux Inputs
Inputs
2
Aux Outputs
Output
3
RAW data outputs
Output
4
Interrupt Ch1 peak
Output
5
Interrupt Ch2 peak
Output
6
Interrupt Ch3 peak
Output
7
Interrupt Ch4 peak
Output
8
SPDIF data output
Output
9
PWM1
Output
10
PWM2
Output
11
PWM3
Output
12
CLK IADC
Output
13
CLK ADC
Output
14
1’b0
Output
15
1’b1
Output
Table 2 – Standard GPIO Functions
For configuring pins as inputs, outputs, or Input/Outputs:
• Input pin
o
Registers 87-86: GPIOxx_IE = 1’b1 (Input Enable),
o
Registers 89-88: GPIOxx_OE = 1b’0 (Input Enable),
• Output pin
o
Registers 87-86: GPIOxx_IE = 1’b0
o
Registers 89-88: GPIOxx_OE = 1’b1
• In/Out pin (Master Mode)
o
Registers 87-86: GPIOxx_IE = 1’b1
o
Registers 89-88: GPIOxx_OE = 1’b1
In Master mode GPIO1 & GPIO 2 should be configured as In/Out pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com