Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 54 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 54 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 50Page - ESS Technology,Inc ES9842PRO Datasheet HTML 51Page - ESS Technology,Inc ES9842PRO Datasheet HTML 52Page - ESS Technology,Inc ES9842PRO Datasheet HTML 53Page - ESS Technology,Inc ES9842PRO Datasheet HTML 54Page - ESS Technology,Inc ES9842PRO Datasheet HTML 55Page - ESS Technology,Inc ES9842PRO Datasheet HTML 56Page - ESS Technology,Inc ES9842PRO Datasheet HTML 57Page - ESS Technology,Inc ES9842PRO Datasheet HTML 58Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
54
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Power Consumption
Test Conditions (unless otherwise noted)
TA = 25oC, AVCC = AVCCL = AVCCR = +4.5V, AVDD = +3.3V, fs = 48kHz, I2S output, -1dBrG signal. AVDD supply
includes DVDD current.
Parameter
Min
Typ.
Max
Unit
Standby
AVCC, AVCC_L, AVCC_R
3
µA
AVDD
0.02
µA
MCLK = 49.152MHz
Supply Current during 48kHz 4ch mode
AVCC
10.2
mA
AVCC_L, AVCC_R
16.2
mA
AVDD
18.2
mA
Supply Current during 192kHz 4ch mode
AVCC
10.2
mA
AVCC_L, AVCC_R
16.2
mA
AVDD
30.6
mA
MCLK = 24.576MHz
Supply Current during 48kHz 4ch mode
AVCC
10.1
mA
AVCC_L, AVCC_R
16.2
mA
AVDD
16.1
mA
Supply current during 192kHz 4ch mode
AVCC
10.1
mA
AVCC_L, AVCC_R
16.2
mA
AVDD
28.7
mA
Table 27 - Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com