Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 56 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 56 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 52Page - ESS Technology,Inc ES9842PRO Datasheet HTML 53Page - ESS Technology,Inc ES9842PRO Datasheet HTML 54Page - ESS Technology,Inc ES9842PRO Datasheet HTML 55Page - ESS Technology,Inc ES9842PRO Datasheet HTML 56Page - ESS Technology,Inc ES9842PRO Datasheet HTML 57Page - ESS Technology,Inc ES9842PRO Datasheet HTML 58Page - ESS Technology,Inc ES9842PRO Datasheet HTML 59Page - ESS Technology,Inc ES9842PRO Datasheet HTML 60Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
56
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Register Overview
The registers for the ES9842 PRO can be accessed either using an I2C or SPI interface.
The MODE pin (pin 3) determines which interface will be used:
• MODE = 1’b0
o
I2C interface (pull ups on SCL & SDA required)
Pin 25 SDA
Pin 26 SCL
Pin 27 ADDR1
Pin 28 ADDR2
o
ADDR1 & ADDR2 determine the I2C address
I2C Slave Address = [5’b01000, ADDR2, ADDR1, R/W]
• Possible addresses are 0x40, 0x42, 0x44, 0x46 for I2C Slave Address
I2C Synchronous Slave Address = [5’b01001,ADDR2,ADDR1,R/W]
• Possible addresses are 0x48, 0x4A, 0x4C, 0x4E for I2C Synchronous Slave
Address
• MODE = 1’b1
o
SPI interface
o
Different SPI commands allow for writing to write only registers, or write and read from other
registers
o
The SPI Slave interface can be accessed using the Pins 25-28
• Pin 25 MOSI
• Pin 26 SCLK
• Pin 27 SS
• Pin 28 MISO
I2C Slave
Address
I2C
Synchronous
Slave Address
ADDR2
ADDR1
0x40
0x48
L
L
0x42
0x4A
L
H
0x44
0x4C
H
L
0x46
0x4E
H
H
Table 29 - I2C addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com