Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 55 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 55 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 51Page - ESS Technology,Inc ES9842PRO Datasheet HTML 52Page - ESS Technology,Inc ES9842PRO Datasheet HTML 53Page - ESS Technology,Inc ES9842PRO Datasheet HTML 54Page - ESS Technology,Inc ES9842PRO Datasheet HTML 55Page - ESS Technology,Inc ES9842PRO Datasheet HTML 56Page - ESS Technology,Inc ES9842PRO Datasheet HTML 57Page - ESS Technology,Inc ES9842PRO Datasheet HTML 58Page - ESS Technology,Inc ES9842PRO Datasheet HTML 59Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
55
Performance
Test Conditions (unless otherwise noted)
TA = 25oC, AVCC = AVCCL = AVCCR = +4.5V, AVDD = +3.3V, fs = 48kHz, MCLK = 49.152MHz, I2S output
Parameter
Min
Typ
Max
Unit
Resolution
32
Bit
0dBFS Input Voltage
3.2
Vrms
THD+N Ratio
@ fs=48kHz, BW=20Hz-20kHz
4 ch mode
-1dBFS
-116
-114
dB
2 ch mode
-1dBFS
-117
dB
1 ch mode
-1dBFS
-118
dB
THD+N Ratio
@ fs=96kHz, BW=20Hz-40kHz
4 ch mode
-1dBFS
-113
dB
2 ch mode
-1dBFS
-115
dB
1 ch mode
-1dBFS
-118
dB
THD+N Ratio
@ fs=192kHz, BW=20Hz-80kHz
4 ch mode
-1dBFS
-111
dB
2 ch mode
-1dBFS
-113
dB
1 ch mode
-1dBFS
-116
dB
DNR A-wt
4ch mode
-60dBFS
119
122
dB
2ch mode
-60dBFS
122
125
dB
1ch mode
-60dBFS
125
128
dB
Interchannel Gain Mismatch
±0.05
±0.4
dB
Input DC Common Mode
AVCC_L/2
AVCC_R/2
V
Input Impedance
860±14%
Ω
Cin (Input Capacitance)
~10
pF
Table 28 - Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com