Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 69 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 69 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 65Page - ESS Technology,Inc ES9842PRO Datasheet HTML 66Page - ESS Technology,Inc ES9842PRO Datasheet HTML 67Page - ESS Technology,Inc ES9842PRO Datasheet HTML 68Page - ESS Technology,Inc ES9842PRO Datasheet HTML 69Page - ESS Technology,Inc ES9842PRO Datasheet HTML 70Page - ESS Technology,Inc ES9842PRO Datasheet HTML 71Page - ESS Technology,Inc ES9842PRO Datasheet HTML 72Page - ESS Technology,Inc ES9842PRO Datasheet HTML 73Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
69
Register 5: RAW DATA AND SPDIF CONFIG
Bits
[7:6]
[5]
[4]
[3]
[2]
[1:0]
Default
2'd0
1'b0
1'b0
1'b0
1'b0
2'd0
Bits
Mnemonic
Description
[7:6]
SELECT_RAW_DATA_NUM
Whole number divide value + 1 for raw data clock
(SYS_CLK/divide_value). When SELECT_RAW_DATA_NUM is
larger than 0, the divided clock is not a 50% duty cycle clock.
• 2'd0: Whole number divide value + 1 = 1 (default)
• 2'd1: Whole number divide value + 1 = 2
• 2'd2: Whole number divide value + 1 = 3
• 2'd3: Whole number divide value + 1 = 4
[5]
RAW_DATA_CLK_DIV2
Further divides the raw data clock by 2 (after divided by
SELECT_RAW_DATA_NUM+1) to create a 50% duty cycle raw data
clock.
• 1'b0: No divide (default)
• 1'b1: Further divides the raw data clock by 2
[4]
RAW_DATA_DDR
Enables raw data double-data-rate (DDR) output.
In the DDR mode, raw data is valid on both pos/neg edges of raw
data clock.
Otherwise, raw data is valid only on positive edge of raw data clock.
• 1'b0: Double-data-rate disabled (default)
• 1'b1: Double-data-rate enabled
[3]
ENABLE_RAW_DATA_CLK
Enables raw data clock.
• 1'b0: Raw data clock disabled (default)
• 1'b1: Raw data clock enabled
[2]
ENABLE_SPDIF_CLK
Enables SPDIF encoding clock.
• 1'b0: SPDIF clock disabled (default)
• 1'b1: SPDIF clock enabled
[1:0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com