Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 22 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 22 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 18Page - ESS Technology,Inc ES9842PRO Datasheet HTML 19Page - ESS Technology,Inc ES9842PRO Datasheet HTML 20Page - ESS Technology,Inc ES9842PRO Datasheet HTML 21Page - ESS Technology,Inc ES9842PRO Datasheet HTML 22Page - ESS Technology,Inc ES9842PRO Datasheet HTML 23Page - ESS Technology,Inc ES9842PRO Datasheet HTML 24Page - ESS Technology,Inc ES9842PRO Datasheet HTML 25Page - ESS Technology,Inc ES9842PRO Datasheet HTML 26Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
22
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Pre-Programmed Digital Filters
The ES9842 PRO has 8 pre-programmed digital filters.
The following table shows the simulated latency of each filter at 44.1kHz sampling rate. The latency was measured at the
peak amplitude of the impulse response prior to being down sampled to 1FS. Latency delay will reduce (scale) with
sampling rate.
Digital Filter
Delay(us) @
fs=44.1kHz
Minimum Phase (default)
142 µs
Linear Phase Apodizing
805 µs
Linear Phase Fast Roll-Off
808 µs
Linear Phase Fast Roll-Off Low Ripple
799 µs
Linear Phase Slow Roll-Off
184 µs
Minimum Phase Fast Roll-Off
128 µs
Minimum Phase Slow Roll-Off
105 µs
Minimum Phase Slow Roll-Off Low Dispersion
329 µs
Table 4 - Pre-Programmed Digital Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com