Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 23 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 23 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 19Page - ESS Technology,Inc ES9842PRO Datasheet HTML 20Page - ESS Technology,Inc ES9842PRO Datasheet HTML 21Page - ESS Technology,Inc ES9842PRO Datasheet HTML 22Page - ESS Technology,Inc ES9842PRO Datasheet HTML 23Page - ESS Technology,Inc ES9842PRO Datasheet HTML 24Page - ESS Technology,Inc ES9842PRO Datasheet HTML 25Page - ESS Technology,Inc ES9842PRO Datasheet HTML 26Page - ESS Technology,Inc ES9842PRO Datasheet HTML 27Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
23
PCM Filter Properties
The following filter properties were obtained from software simulations of these filters.
Minimum Phase
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
-3 dB
0.48 x fs
Hz
Stop band
-103 dB
0.55 x fs
Hz
Group Delay
3.43/fs
10.66fs
s
Flatness (ripple)
-
dB
Linear Phase Apodizing
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.41 x fs
Hz
Stop band
-109 dB
0.50 x fs
Hz
Group Delay
33.25/fs
s
Flatness (ripple)
0.0022
dB
Linear Phase Fast Roll-Off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.46 x fs
Hz
Stop band
-116 dB
0.55 x fs
Hz
Group Delay
33.38/fs
s
Flatness (ripple)
0.0025
dB
Linear Phase Fast Roll-Off Low Ripple
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.46 x fs
Hz
Stop band
-83 dB
0.55 x fs
Hz
Group Delay
33.00/fs
s
Flatness (ripple)
0.00092
dB
Linear Phase Slow Roll-Off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
-3 dB
0.50 x fs
Hz
Stop band
-84 dB
0.81 x fs
Hz
Group Delay
5.87/fs
s
Flatness (ripple)
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com