Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 57 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 57 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 53Page - ESS Technology,Inc ES9842PRO Datasheet HTML 54Page - ESS Technology,Inc ES9842PRO Datasheet HTML 55Page - ESS Technology,Inc ES9842PRO Datasheet HTML 56Page - ESS Technology,Inc ES9842PRO Datasheet HTML 57Page - ESS Technology,Inc ES9842PRO Datasheet HTML 58Page - ESS Technology,Inc ES9842PRO Datasheet HTML 59Page - ESS Technology,Inc ES9842PRO Datasheet HTML 60Page - ESS Technology,Inc ES9842PRO Datasheet HTML 61Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
57
I2C Slave Interface (Device Address 0x40, 0x42, 0x44, 0x46)
This interface contains Read/Write and Read-only registers. A system clock must be enabled through the write-only
registers to read/write these registers.
Multi-byte registers must be written from LSB to MSB. Data is latched when MSB is written.
Multi-byte registers must be read from LSB to MSB. Data is latched when LSB is read.
MSB is always stored in the highest register address. Testing
Read/Write Register Addresses
Registers 0–179 (0x00 – 0xB3) are read/write registers.
Read-only Register Addresses
Registers 224 – 253 (0xE0 – 0xFD) are read only registers.
I2C Synchronous Slave Interface (Device Address 0x48, 0x4A, 0x4C, 0x4E)
This interface contains Write-only registers. These registers can be written even when there is no system clock present.
These registers must be written to to enable read and write access to the rest of the registers.
When the device is inactive, all peripherals are automatically disabled and all clocks are stopped. An interrupt or a reset
can wake the ES9842 PRO
Write-only Register Addresses
Registers 192 – 194 (0xC0 – 0xC2) are write only registers.
Multi-Byte Registers
Multi-byte registers must be written from LSB to MSB. Data is latched when MSB is written.
MSB is always stored in the highest register address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com