Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 62 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 62 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 58Page - ESS Technology,Inc ES9842PRO Datasheet HTML 59Page - ESS Technology,Inc ES9842PRO Datasheet HTML 60Page - ESS Technology,Inc ES9842PRO Datasheet HTML 61Page - ESS Technology,Inc ES9842PRO Datasheet HTML 62Page - ESS Technology,Inc ES9842PRO Datasheet HTML 63Page - ESS Technology,Inc ES9842PRO Datasheet HTML 64Page - ESS Technology,Inc ES9842PRO Datasheet HTML 65Page - ESS Technology,Inc ES9842PRO Datasheet HTML 66Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
62
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
0x77
119
ADC CH2 THD COMP CONFIG
ADC2_CORRECTION_ADDR
ADC2_
CORRECTION_
WE
ADC2_ENABLE
_THD_COMP
0x78
120
ADC CH2 THD COMP DATA
ADC2_CORRECTION_DATA
0x79
121
ADC2_CORRECTION_DATA
0x7A
122
ADC CH2 PEAK DETECTOR CONFIG
ADC2_
LOCK_PEAK
ADC2_DECAY_RATE
RESERVED
ADC2_
ENABLE_PEAK
_DETECT
0x7B
123
ADC CH2 PEAK DETECTOR
THRESHOLD
ADC2_PEAK_THRESH
0x7C
124
ADC CH2 DC OFFSET
ADC2_DC_OFFSET
0x7D
125
ADC2_DC_OFFSET
0x7E
126
ADC CH2 VOLUME
ADC2_VOLUME
0x7F
127
ADC2_VOLUME
0x80
128
ADC CH2 VOLUME RATE
ADC2_VOLUME_RATE
0x81
129
ADC CH2 SCALE
RESERVED
ADC2_DATA_SCALE
0x82
130
ADC CH2 PROG FILTER
RESERVED
ADC2_FILTER_SHAPE
ADC2_
PROG_COEFF_
WRITE_EN
ADC2_PROG_
COEFF_EN
0x83
131
ADC CH2 PROG FILTER COEFF ADDR
ADC2_PROG_
COEFF_STAGE
ADC2_PROG_COEFF_ADDR
0x84
132
ADC CH2 PROG FILTER COEFF
ADC2_PROG_COEFF_IN
0x85
133
ADC2_PROG_COEFF_IN
0x86
134
ADC2_PROG_COEFF_IN
0x87
135
ADC CH3 DATAPATH CONTROL
ADC3_BYPASS
_FIR2X
ADC3_BYPASS
_FIR4X
RESERVED
ADC3_
ENABLE_DC_
BLOCKING
RESERVED
ADC3_
NEG_SEL
0x88
136
ADC CH3 THD COMP CONFIG
ADC3_CORRECTION_ADDR
ADC3_
CORRECTION_
WE
ADC3_ENABLE
_THD_COMP
0x89
137
ADC CH3 THD COMP DATA
ADC3_CORRECTION_DATA
0x8A
138
ADC3_CORRECTION_DATA
0x8B
139
ADC CH3 PEAK DETECTOR CONFIG
ADC3_
LOCK_PEAK
ADC3_DECAY_RATE
RESERVED
ADC3_
ENABLE_PEAK
_DETECT
0x8C
140
ADC CH3 PEAK DETECTOR
THRESHOLD
ADC3_PEAK_THRESH
0x8D
141
ADC CH3 DC OFFSET
ADC3_DC_OFFSET
0x8E
142
ADC3_DC_OFFSET
0x8F
143
ADC CH3 VOLUME
ADC3_VOLUME
0x90
144
ADC3_VOLUME
0x91
145
ADC CH3 VOLUME RATE
ADC3_VOLUME_RATE
0x92
146
ADC CH3 SCALE
RESERVED
ADC3_DATA_SCALE
0x93
147
ADC CH3 PROG FILTER
RESERVED
ADC3_FILTER_SHAPE
ADC3_
PROG_COEFF_
WRITE_EN
ADC3_PROG_
COEFF_EN
0x94
148
ADC CH3 PROG FILTER COEFF ADDR
ADC3_PROG_
COEFF_STAGE
ADC3_PROG_COEFF_ADDR
0x95
149
ADC CH3 PROG FILTER COEFF
ADC3_PROG_COEFF_IN
0x96
150
ADC3_PROG_COEFF_IN
0x97
151
ADC3_PROG_COEFF_IN
0x98
152
ADC CH4 DATAPATH CONTROL
ADC4_BYPASS
_FIR2X
ADC4_BYPASS
_FIR4X
RESERVED
ADC4_
ENABLE_DC_
BLOCKING
RESERVED
ADC4_
NEG_SEL
0x99
153
ADC CH4 THD COMP CONFIG
ADC4_CORRECTION_ADDR
ADC4_
CORRECTION_
WE
ADC4_ENABLE
_THD_COMP
0x9A
154
ADC CH4 THD COMP DATA
ADC4_CORRECTION_DATA
0x9B
155
ADC4_CORRECTION_DATA
0x9C
156
ADC CH4 PEAK DETECTOR CONFIG
ADC4_
LOCK_PEAK
ADC4_DECAY_RATE
RESERVED
ADC4_
ENABLE_PEAK
_DETECT
0x9D
157
ADC CH4 PEAK DETECTOR
THRESHOLD
ADC4_PEAK_THRESH
0x9E
158
ADC CH4 DC OFFSET
ADC4_DC_OFFSET
0x9F
159
ADC4_DC_OFFSET
0xA0
160
ADC CH4 VOLUME
ADC4_VOLUME
0xA1
161
ADC4_VOLUME
0xA2
162
ADC CH4 VOLUME RATE
ADC4_VOLUME_RATE
0xA3
163
ADC CH4 SCALE
RESERVED
ADC4_DATA_SCALE
0xA4
164
ADC CH4 PROG FILTER
RESERVED
ADC4_FILTER_SHAPE
ADC4_
PROG_COEFF_
WRITE_EN
ADC4_PROG_
COEFF_EN
0xA5
165
ADC CH4 PROG FILTER COEFF ADDR
ADC4_PROG_
COEFF_STAGE
ADC4_PROG_COEFF_ADDR
0xA6
166
ADC CH4 PROG FILTER COEFF
ADC4_PROG_COEFF_IN
0xA7
167
ADC4_PROG_COEFF_IN
0xA8
168
ADC4_PROG_COEFF_IN
0xC0
192
SOFT RESET
AO_SOFT_
RESET
RESERVED
0xC1
193
CLK SELECT
RESERVED
SEL_SYSCLK_IN
EN_ANA_CLKIN
0xC2
194
ADC CLOCK DIVIDE
RESERVED
SEL_CLK_DIV
0xC3 -
0xCB
195 -
203
RESERVED
RESERVED
0xE0
224
READ SYSTEM REGISTER 0
RESERVED
MODE
ADDR2
ADDR1
RESERVED
0xE1
225
CHIP ID
CHIP_ID
0xE2 -
0xE4
226 -
228
RESERVED
RESERVED
0xE5
229
PEAK FLAG
RESERVED
PEAK_FLAG_
CH4
PEAK_FLAG_
CH3
PEAK_FLAG_
CH2
PEAK_FLAG_
CH1
0xE6
230
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com