Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9842PRO Datasheet HTML 1Page - ESS Technology,Inc ES9842PRO Datasheet HTML 2Page - ESS Technology,Inc ES9842PRO Datasheet HTML 3Page - ESS Technology,Inc ES9842PRO Datasheet HTML 4Page - ESS Technology,Inc ES9842PRO Datasheet HTML 5Page - ESS Technology,Inc ES9842PRO Datasheet HTML 6Page - ESS Technology,Inc ES9842PRO Datasheet HTML 7Page - ESS Technology,Inc ES9842PRO Datasheet HTML 8Page - ESS Technology,Inc ES9842PRO Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 167 page
background image
Analog Reinvented
ES9842 PRO
32-bit High-Performance 4-Channel ADC
Product Datasheet
+122dB DNR 4 channel mode,
+128dB DNR in mono mode
-116dB THD+N 4 channel mode
-118dB THD+N mono mode
Unprecedented dynamic range and ultra-low distortion
High Sample Rates
Up to PCM 768kHz, including 1.536MHz rate w/64FS
Up to DSD512
Audio Signal Processors (ASP)
Available for custom FIR filters for any applications,
including RIAA
Multiple Output formats available
PCM, TDM, DSD, S/PDIF, RAW
Customizable filter characteristics
8 presets and programmable filter coefficients for custom
sound signature
2 audio signal processors for custom filter architectures
and analog/digital mixing
I2C or SPI interface control
Configured by microcontroller or used as standalone
Integrated low noise ADC reference regulators
Reduced BOM cost, PCB area and improved DNR.
Low Power Consumption
Simplifies power supply design
Low Pin Count standardized Packaging
5mm x 5mm, 40 pin QFN
Ultra-Low Noise Floor Bandwidth
200kHz bandwidth enabling higher resolution at higher
sample rates
The Sabre ES9842 PRO is the world’s highest performance 32-bit analog-to-digital (A/D) converter targeted for
professional audio applications such as recording systems, mixer consoles and digital audio workstations (DAW), test
equipment, instruments, audio processors, digital turntables, and consumer applications.
The ES9842 PRO has 4 integrated ADCs which use the ESS proprietary Hyperstream® II Architecture, which delivers
unprecedented audio sound quality and specifications, including a DNR of 128dB in mono mode and a DNR +122dB
THD+N of -116dB in 4 channel mode.
The SABRE ADC supports synchronous S/PDIF, I2S master/slave, or native DSD output. For the most demanding audio
enthusiast, the ES9842 PRO is capable of outputting RAW data, allowing the user to apply their own custom handling of
the data. The ES9842 PRO comes in a small compact package and consumes less than 210mW.
The ES9842 can use preprogramed filter coefficients to match perfectly with the SABRE PRO Series of DACs including
the ES9038PRO. These complimentary filters allow for analog-digital-analog processing with the upmost audio fidelity and
minimized time-domain smearing.
The Audio Signal Processor (ASP) integrated in the ADC allows for custom filtering such as RIAA presets to be
implemented in the ADC, eliminating the need for re-processing later in the signal path.
The ES9842 PRO has an Ultra-Low Noise Floor Bandwidth of 200kHz. This bandwidth is up to 10 times wider than the
competition, enabling higher resolution at higher sample rates.
FEATURE
DESCRIPTION
s


Similar Part No. - ES9842PRO

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9820 ESS-ES9820 Datasheet
1Mb / 117P
32-bit High-Performance 2-Channel ADC
October 13, 2021
ES9820Q ESS-ES9820Q Datasheet
1Mb / 117P
32-bit High-Performance 2-Channel ADC
October 13, 2021
ES9822PRO ESS-ES9822PRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9822QPRO ESS-ES9822QPRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9826 ESS-ES9826 Datasheet
2Mb / 88P
32-bit High performance 2 Channel ADC w/PGA
VERSION 0.1.2 April, 2023
More results

Similar Description - ES9842PRO

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
32-bit High Performance Audio ADC
logo
Asahi Kasei Microsystem...
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
4-Channel Differential 32-bit ?誇 ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
AK5554VN AKM-AK5554VN_16 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
logo
ESS Technology,Inc
ES9820 ESS-ES9820 Datasheet
1Mb / 117P
32-bit High-Performance 2-Channel ADC
October 13, 2021
ES9822PRO ESS-ES9822PRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9826 ESS-ES9826 Datasheet
2Mb / 88P
32-bit High performance 2 Channel ADC w/PGA
VERSION 0.1.2 April, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com