Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 35 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 35 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 31Page - ESS Technology,Inc ES9842PRO Datasheet HTML 32Page - ESS Technology,Inc ES9842PRO Datasheet HTML 33Page - ESS Technology,Inc ES9842PRO Datasheet HTML 34Page - ESS Technology,Inc ES9842PRO Datasheet HTML 35Page - ESS Technology,Inc ES9842PRO Datasheet HTML 36Page - ESS Technology,Inc ES9842PRO Datasheet HTML 37Page - ESS Technology,Inc ES9842PRO Datasheet HTML 38Page - ESS Technology,Inc ES9842PRO Datasheet HTML 39Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
35
Clock Distribution
The ES9842 PRO includes features for selecting and manipulating the input clock source.
The minimum MCLK frequency is 22.579MHz.
When using 24.576 MHz or 22.579 MHz BCK, it is preferable to use GPIO4-6 as the data output.
• Register 74-91 (GPIOx/x_CONFIG) – set desired GPIO as AUX output and enable output mode.
• Register 12-15[6:5] (TDM_LINE_SEL_CHx) – change TDM Line Select to desired GPIO.
• Register 11[7] (TDM_GPIO456) – Enable TDM on GPIO456
XIN
XOUT
ACLK
System
Clock
(MCLK)
22-49MHz
Reg 194[1:0]
GPIO1
SCL_SLAVE
I2C/SPI Clock
BCK
EN
Reg 1
Digital ADC
CLK DIV
Reg 2[4:0]
Reg 0[3]
ADC Decimation Path Clock
(128fs clock)
Reg 9[6:0]
Reg 8
Reg 7[7:5]
Master BCK
Master WS
Enable Reg 193[0]
Reg 193[2:1]
GPIO2
WS
Reg 10[0]
TDM Clock
Reg 5[2]
S/PDIF Clock
Reg 35[0]
Reg 35[5:1]
CLK ASP1
Reg 36[0]
Reg 36[5:1]
CLK ASP2
Reg 6[3:0]
Reg 7[3:0]
CLK DSD
DIV2
Reg 7[4]
Digital
ADC
I2S Decoder
EN
EN
CLK DIV
CLK DIV
CLK DIV
Analog ADC Clock (Must be 22.5792MHz to 24.576 MHz)
Analog ADC
Clock
Gear
(1, ½)
Reg 3[2:0]
CLK IADC (digital Input ADC clock)
(Same frequency as Analog ADC clock)
CLK DIV
CLK DIV
EN
EN
S/PDIF
Encoder
TDM
Encoder
EN
Master
BCK/WS
Gen
Figure 10 - ES9842 PRO Clock Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com