Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 43 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 43 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 39Page - ESS Technology,Inc ES9842PRO Datasheet HTML 40Page - ESS Technology,Inc ES9842PRO Datasheet HTML 41Page - ESS Technology,Inc ES9842PRO Datasheet HTML 42Page - ESS Technology,Inc ES9842PRO Datasheet HTML 43Page - ESS Technology,Inc ES9842PRO Datasheet HTML 44Page - ESS Technology,Inc ES9842PRO Datasheet HTML 45Page - ESS Technology,Inc ES9842PRO Datasheet HTML 46Page - ESS Technology,Inc ES9842PRO Datasheet HTML 47Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
43
Digital Audio Output Port
Pins are configured in Master (AUX Output) or Slave (Aux Input) modes through GPIO Configurations.
PCM Pin Connections
See Audio Interface Timing (I2S) for timing criteria. Can select GPIO 5,6 for the datapath.
Pin Name
Function
Description
GPIO1
I2S BCLK
I2S clock (Master or Slave)
GPIO2
I2S WS
I2S WS (Master or Slave)
GPIO3
I2S DATA
I2S DATA out (selectable for 2 channels)
GPIO4
I2S DATA
I2S DATA out (selectable for 2 channels)
Table 14 - PCM Pin Connections
TDM Pin Connections
See Registers 7-15 for configuration, can select GPIO 4-6 for the datapath.
Pin Name
Function
Description
GPIO1
TDM BCK
TDM clock (Master or Slave)
GPIO2
TDM WS
TDM WS (Master or Slave)
GPIO3
TDM DATA
TDM DATA out (default)
Table 15 - TDM Pin Connections
DSD Pin Connections
DSD requires 1 pin per ADC channel, any channel can be mapped to any of the GPIOs (GPIO3-6). See Registers 6,7,19 for
configuration.
Pin Name
Function
Description
GPIO1
DSD Clock
DSD Bit Clock (Master or Slave)
GPIO3
DSD DATA out
DSD data mapped to selected channel
(Channel 1 default)
GPIO4
DSD DATA out
DSD data mapped to selected channel
(Channel 2 default)
GPIO5
DSD DATA out
DSD data mapped to selected channel
(Channel 3 default)
GPIO6
DSD DATA out
DSD data mapped to selected channel
(Channel 4 default)
Table 16 - DSD Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com