Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9842PRO Datasheet(PDF) 133 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 133 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 129Page - ESS Technology,Inc ES9842PRO Datasheet HTML 130Page - ESS Technology,Inc ES9842PRO Datasheet HTML 131Page - ESS Technology,Inc ES9842PRO Datasheet HTML 132Page - ESS Technology,Inc ES9842PRO Datasheet HTML 133Page - ESS Technology,Inc ES9842PRO Datasheet HTML 134Page - ESS Technology,Inc ES9842PRO Datasheet HTML 135Page - ESS Technology,Inc ES9842PRO Datasheet HTML 136Page - ESS Technology,Inc ES9842PRO Datasheet HTML 137Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
133
Register 140: ADC CH3 PEAK DETECTOR THRESHOLD
Bits
[7:0]
Default
8'hFF
Bits
Mnemonic
Description
[7:0]
ADC3_PEAK_THRESH
Threshold value to trigger the PEAK_FLAG in the CH3 peak detector.
Triggers if the input signal > ADC3_PEAK_THRESH.
• 8'h01: -48dB
• 8'hFF: 0dB (default)
������ℎ������������������ℎ������������������ [������������] = 20 ∗ ������������������10 (
������������������3_������������������������_������������������������������������
28 − 1
)
Register 142-141: ADC CH3 DC OFFSET
Bits
[15:0]
Default
16'h0000
Bits
Mnemonic
Description
[15:0]
ADC3_DC_OFFSET
Signed ADC CH3 DC offset coefficient.
Positive offset is valid from 16'h7FFF (-30dB) to 16'h0001 (-120dB).
Negative offset is valid from 16'h8000 (-30dB) to 16'hFFFF (-120dB).
16'h0000 corresponds to zero offset.
������������������������������������ [������������] = 20 ∗ ������������������10 (
������������������3_������������_������������������������������������
(215 − 1) ∗ 25
)
Register 144-143: ADC CH3 VOLUME
Bits
[15:0]
Default
16'h7FFF
Bits
Mnemonic
Description
[15:0]
ADC3_VOLUME
Signed value for the next desired ADC CH3 volume coefficient.
• 16'h0001: -90dB
• 16'h7FFF: 0dB (default)
• 16'h0000: Mute
������������������������������������ [������������] = 20 ∗ ������������������10 (
������������������3_������������������������������������
215 − 1
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com