Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 73 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 73 Page - ams AG

Back Button AS7030B Datasheet HTML 69Page - ams AG AS7030B Datasheet HTML 70Page - ams AG AS7030B Datasheet HTML 71Page - ams AG AS7030B Datasheet HTML 72Page - ams AG AS7030B Datasheet HTML 73Page - ams AG AS7030B Datasheet HTML 74Page - ams AG AS7030B Datasheet HTML 75Page - ams AG AS7030B Datasheet HTML 76Page - ams AG AS7030B Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 72
Addr: 0x59
OFE2_CFGB
Bit
Bit Name
Default
Access
Bit Description
4
16
5
32
6
64
7
128
4:2
ofe2_sd_bw
0
RW
Low pass clock for synchronous demodulator 2
and cutoff frequency
Settings
Clock
Frequency
Cutoff
Frequency
0
31.25 kHz
10 Hz
1
62.5 kHz
20 Hz
2
125 kHz
40 Hz
3
250 kHz
80 Hz
4
15.625 kHz
5 Hz
5
7.8125 kHz
2.5 Hz
1:0
of2e_hp_freq
0
RW
High pass filter pulse rate for synchronous
demodulator 2. Pulse width = 1 µs
Settings
Pulse
Frequency
Cutoff
Frequency
0
122 Hz
0.33 Hz
1
488 Hz
1.32 Hz
2
1935 Hz
5.28 Hz
3
3906 Hz
10.56 Hz
OFE_NOTCH (Address 0x5a)
Figure 85:
OFE_NOTCH Register
Addr: 0x5a
OFE_NOTCH
Bit
Bit Name
Default
Access
Bit Description
7
Not used
0
RW
Not used
6
ofe2_notch_sel60
0
RW
0: Fc=50 Hz
1: Fc=60 Hz
5
ofe2_notch_byp
1
RW
0: OFE2 Notch filter Not bypassed
1: OFE2 Notch bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com