Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 52 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 52 Page - ams AG

Back Button AS7030B Datasheet HTML 48Page - ams AG AS7030B Datasheet HTML 49Page - ams AG AS7030B Datasheet HTML 50Page - ams AG AS7030B Datasheet HTML 51Page - ams AG AS7030B Datasheet HTML 52Page - ams AG AS7030B Datasheet HTML 53Page - ams AG AS7030B Datasheet HTML 54Page - ams AG AS7030B Datasheet HTML 55Page - ams AG AS7030B Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 51
Addr: 0x32
SEQ_START
Bit
Bit Name
Default
Access
Bit Description
2
seq_start_gpio
0
R_PUSH
After programming, the sequencer waits for a
synchronization pulse via GPIO (see register
GPIO_SYNC).
For all released ADC channels a value is
recorded per synchronization pulse (see register
ADC_CHANNEL).
1
seq_start_sync
0
R_PUSH
Similar to seq_start, but the sequencer will wait
for overflow of the frequency divider that feeds all
the switched-cap filters. This means 1) That it
could take anything between 0 and 8 ms before
the sequencer actually starts. 2) That the
generated frequencies are in phase with the
sequencer. For this to have any effect, the
sequencer period should be selected with the
selected frequencies (sd_bw, hp_freq) in mind.
0
seq_start
0
R_PUSH
Writing 1 starts the sequencer(s) in the according
to the configuration and upon rising edge of
seq_start ADC selects first channel.
Writing 0 stops the sequencer(s).
In manual mode, writing 1 starts one ADC
conversion but does not initialize the ADC
channel selection. Reading returns 1 if the
sequencer is running (sequencer mode),
respectively if the ADC is converting (manual
mode)
With the SEQ_START register sets the configured sequencer can be started
SEQ_PER (Address 0x33)
Figure 45:
SEQ_PER Register
Addr: 0x33
SEQ_PER
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_period
0
RW
t_period
Sequencer period T = t_period * (seq_div+1) *
1 µs
The SEQ_PER register sets one measurement cycle of the sequencer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com