Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 13 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 13 Page - ams AG

Back Button AS7030B Datasheet HTML 9Page - ams AG AS7030B Datasheet HTML 10Page - ams AG AS7030B Datasheet HTML 11Page - ams AG AS7030B Datasheet HTML 12Page - ams AG AS7030B Datasheet HTML 13Page - ams AG AS7030B Datasheet HTML 14Page - ams AG AS7030B Datasheet HTML 15Page - ams AG AS7030B Datasheet HTML 16Page - ams AG AS7030B Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
Document Feedback
AS7030B
Electrical Characteristics
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gain stage
(ofe1_gain_en=1 or
ofe2_gain_en=1)
75
μA
ADC sampling at 20 Hz
with 64
μs settling time
4.5
μA
ECG amplifier and
frontend (need SIGREF
enabled)
190
μA
ECG leakage
compensation
(ecg_low_leakage_en=1),
low pass filter, high pass
filter and gain stage
151
μA
Power down, no I²C
communication possible
ENABLE=GND(2)
0.5
μA
VOL
GPIO0-3,
INT, SDA
output low
voltage
With 3 mA load
With 6 mA load
0
0
0.4
0.8
V
VOH
GPIO0-3
output high
voltage
With 3 mA load
2.3
VDD
V
VIH
GPIO0-3,
SCL, SDA,
ENABLE
input high
voltage
1.25
V
VIL
GPIO0-3,
SCL, SDA,
ENABLE
input low
voltage
0.54
V
ILEAK1
GPIO0-3,
SCL, SDA,
ENABLE, INT
-1
1
μA
ILEAK2
VD1, VD2
VD3, VD4
-3
3
μA
E_f2M
Tolerance of
internal
2 MHz
oscillator
0 ºC to 70 ºC, VDD<5.0 V
-2
2
%
-30 ºC to 70 ºC
-4
2
%
ECG Amplifier and Filter
ILEAK_ECG
ECG pins
leakage
current
Lab evaluation shows
<±20 nA maximum
leakage current. Not
production tested.
±1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com