Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 16 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 16 Page - ams AG

Back Button AS7030B Datasheet HTML 12Page - ams AG AS7030B Datasheet HTML 13Page - ams AG AS7030B Datasheet HTML 14Page - ams AG AS7030B Datasheet HTML 15Page - ams AG AS7030B Datasheet HTML 16Page - ams AG AS7030B Datasheet HTML 17Page - ams AG AS7030B Datasheet HTML 18Page - ams AG AS7030B Datasheet HTML 19Page - ams AG AS7030B Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 129 page
background image
Document Feedback
AS7030B
Electrical Characteristics
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tLOW
LOW period
of SCL clock
1.3
µs
tHIGH
HIGH period
of SCL clock
0.6
µs
tSU:STA
Setup time for
a repeated
START
condition
0.6
µs
tHD:DAT
Data hold
time(5)
0
0.9
µs
tSU:DAT
Data setup
time(6)
100
ns
tR
Rise time of
both SDA and
SCL signals
20
300
ns
tF
Fall time of
Both SDA
and SCL
signals
20
300
ns
tSU:STO
Setup time for
STOP
condition
0.6
µs
CB
Capacitive
load for each
bus line
CB
— total capacitance
of one bus line in pF
500
pF
CI/O
I/O pin
capacitance
(SDA, SCL)
10
pF
(1)
GPIO0-3 configured to draw minimum current (software dependent).
(2)
AS7030B I2C interface active also in power down mode
(3)
Specified only typical value for DNL to reduce production test time.
(4)
After this period, the first clock pulse is generated.
(5)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of the SCL
signal) to bridge the undefined region of the falling edge of SCL.
(6)
Fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT = to 250 ns must then be met.
This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does
stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tR max + tSU:DAT = 1000 + 250 =
1250 ns before the SCL line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com