Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 97 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 97 Page - ams AG

Back Button AS7030B Datasheet HTML 93Page - ams AG AS7030B Datasheet HTML 94Page - ams AG AS7030B Datasheet HTML 95Page - ams AG AS7030B Datasheet HTML 96Page - ams AG AS7030B Datasheet HTML 97Page - ams AG AS7030B Datasheet HTML 98Page - ams AG AS7030B Datasheet HTML 99Page - ams AG AS7030B Datasheet HTML 100Page - ams AG AS7030B Datasheet HTML 101Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 96
Addr: 0x5d
ECG_CFGB
Bit
Bit Name
Default
Access
Bit Description
3
3906 Hz
10.56 Hz
2:0
ecg_gain_g
0
RW
Gain
Setting
Gain
0
1
1
2
2
4
3
8
4
16
5
32
6
64
7
128
ECG_CFGC (Address 0x5e)
Figure 125:
ECG_CFGC Register
Addr: 0x5e
ECG_CFGC
Bit
Bit Name
Default
Access
Bit Description
7:2
Not used
0
RW
Do not use
1
ecg_low_leakage_en
0
RW
Enable ECG leakage compensation
0
ecg_ref_en
0
RW
ECG Reference Feedback Amplifier
Enable
ECG_CFGD (Address 0x5f)
Figure 126:
ECG_CFGD Register
Addr: 0x5f
ECG_CFGD
Bit
Bit Name
Default
Access
Bit Description
7:5
Not used
0
RW
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com