Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 4 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 4 Page - ams AG

  AS7030B Datasheet HTML 1Page - ams AG AS7030B Datasheet HTML 2Page - ams AG AS7030B Datasheet HTML 3Page - ams AG AS7030B Datasheet HTML 4Page - ams AG AS7030B Datasheet HTML 5Page - ams AG AS7030B Datasheet HTML 6Page - ams AG AS7030B Datasheet HTML 7Page - ams AG AS7030B Datasheet HTML 8Page - ams AG AS7030B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 3
1
Functional Description
The operation of the AS7030B is based on photoplethysmography (PPG) and electrocardiogram
(ECG). PPG is the most used HRM and HRV method, which measures the pulse rate by sampling
light modulated by the blood vessels, which expand and contract as blood pulses through them. ECG
is the reference for any measurement of the bio potential generated by the heart.
The embedded ECG analog front end satisfies IEC 60601-2-47 requirements.
The module includes the LEDs, photo-sensor, analog front-end (AFE) and sequencer as well as
application software. In addition, the module also enables skin temperature and skin resistivity
measurements by providing interfaces to external sensors.
Built-in infrared emitter and dedicated photodiode enable easy integration of proximity function in
wearable or mobile devices.
Compared to the previous generation AS7030B has 250% larger photodiode with improved the optical
performance. This in combination with more efficient LEDs allows reducing current consumption while
achieving high PPG performances.
The AS7030B
’s low-power design and small form factor is particularly well suited to application in
fitness bands, smart watches, sports watches and smart patches, in which board space is limited and
in which users look for extended, multi-day intervals between battery recharges.
1.1
Key Benefits & Features
The benefits and features of AS7030B, Vital Sign Sensor, are listed below:
Figure 1:
Added Value of Using AS7030B
Benefits
Features
Address all skin types
Improved optical path
Higher optical NR
250% larger embedded photodiode
Allows smallest application size e.g. narrow
HRM measurement band
Single device integrated optical solution
Electrocardiogram ECG with dry electrodes
Embedded low noise analog front end for ECG
signals acquisition
Enabling blood pressure measurements
Synchronized PPG and ECG acquisition
Good HRM measurement quality
Low noise analog optical front end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com