Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 39 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 39 Page - ams AG

Back Button AS7030B Datasheet HTML 35Page - ams AG AS7030B Datasheet HTML 36Page - ams AG AS7030B Datasheet HTML 37Page - ams AG AS7030B Datasheet HTML 38Page - ams AG AS7030B Datasheet HTML 39Page - ams AG AS7030B Datasheet HTML 40Page - ams AG AS7030B Datasheet HTML 41Page - ams AG AS7030B Datasheet HTML 42Page - ams AG AS7030B Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 38
PDOFFX_LEDON Register (Address 0x1c)
Figure 28:
PDOFFX_LEDON Register
Addr: 0x1c
PDOFFX_LEDON
Bit
Bit Name
Default
Access
Bit Description
7:0
pdoffx_ledon
0
RW
Input offset current if at least one LED is ON (one
or more sw_led* sequencer outputs are non-zero)
Ioffset = pdoffx_ledon*10nA if PD_CFG[6] = 0
Ioffset = pdoffx_ledon*20nA if PD_CFG[6] = 1
0: Offset source is turned OFF
7.1.5
Photodiode Characteristics
Figure 29:
Photodiode Arrangement
–Orientation as in Figure 2
Sensor
LED
1
LED
4
LED
2
PD1
PD2
PD3
PD4
P
D
A
P
D
B
2.5 mm
2.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com