Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 41 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 41 Page - ams AG

Back Button AS7030B Datasheet HTML 37Page - ams AG AS7030B Datasheet HTML 38Page - ams AG AS7030B Datasheet HTML 39Page - ams AG AS7030B Datasheet HTML 40Page - ams AG AS7030B Datasheet HTML 41Page - ams AG AS7030B Datasheet HTML 42Page - ams AG AS7030B Datasheet HTML 43Page - ams AG AS7030B Datasheet HTML 44Page - ams AG AS7030B Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 40
Figure 31:
Photodiode Sensitivity (solid green and black) and LED Emission Spectrum (dotted green and
dotted black)
Information
All 4 photodiodes used pd1/2/3/4=1; perpendicular light source and no diffusor used on AS7030B;
due to the difference in photodiode size the absolute response for Photodiode 6 (0.01 mm2) is much
lower compared to PD1-PD4 (2.5 mm2)
7.1.6
Photodiode Trans-Impedance Amplifier (TIA)
The Trans-Impedance Amplifier is used to convert the photocurrent into voltage.
The photodiode amplifier can be configured in two different modes:
●
Photocurrent to voltage converter
●
Photocurrent integrator
0%
20%
40%
60%
80%
100%
120%
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)
AS7030 PD1-PD4
AS7030 Photodiode 6
Green LED
IR LED 940nm
NREL Sun normlized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com