Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 25 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 25 Page - ams AG

Back Button AS7030B Datasheet HTML 21Page - ams AG AS7030B Datasheet HTML 22Page - ams AG AS7030B Datasheet HTML 23Page - ams AG AS7030B Datasheet HTML 24Page - ams AG AS7030B Datasheet HTML 25Page - ams AG AS7030B Datasheet HTML 26Page - ams AG AS7030B Datasheet HTML 27Page - ams AG AS7030B Datasheet HTML 28Page - ams AG AS7030B Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 24
●
6 Photodiodes
●
4 with Green filters (PD1, PD2 PD3 and PD4)
●
1 with IR filter (PD B)
●
1 clear (A) only connected to Light-to-Frequency block
●
TIA
●
Trans Impedance Amplifier
●
PREFILTER
●
LP & HP Filter and variable Gain Stage
●
Synchronous Demodulators
●
SD_OFE1, SD_OEF2 with LP 6 HP filter and gain stage
The first Block in the signal path is the TIA. The TIA converts the current from Photodiodes into a
voltage. The trans impedance of TIA can be adjusted in 7 steps. After the TIA follows the PREFILTER.
PREFILTER includes a low pass filter with adjustable cut-off frequency, a high pass filter and a
variable gain stage. This block can be bypassed. The output signal of PREFILTER is used as input for
the blocks SD_OFE1 and SD_OFE2. These Block are identically built and can work in parallel. Both
consists of a synchronous demodulator, a low-pass filter, a high pass filter and variable gain stage.
The Sequencer controls the whole signal path, which is part of digital part.
In addition to these main blocks, there are two smaller blocks for detection of clipping signals inside
the blocks. The TIA Clip detection observes the output of TIA and SD Clip detection observes the
output of PREFILTER Block. The limits for clip detection can be adjusted via registers.
7.1.1
LEDs
Two green LEDs are used with anode on pin VD1 and VD2. An IR LED is connected anode pin
towards VD4. VD3 allows direct access to the current sink 3
7.1.2
LED-Driver
The AS7030B contains 4 identical LED driver circuits.
The LED-driver outputs can be controlled manually or by the built in sequencer. See section 7.1.9
Optical Front End Operating Modes
Information
The integration time tINT is defined either by the sequencer (man_mode=0) of manually
through the bit sw_itg if man_mode=1. For the synchronous demodulator only use the
resistive feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com