Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 32 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 32 Page - ams AG

Back Button AS7030B Datasheet HTML 28Page - ams AG AS7030B Datasheet HTML 29Page - ams AG AS7030B Datasheet HTML 30Page - ams AG AS7030B Datasheet HTML 31Page - ams AG AS7030B Datasheet HTML 32Page - ams AG AS7030B Datasheet HTML 33Page - ams AG AS7030B Datasheet HTML 34Page - ams AG AS7030B Datasheet HTML 35Page - ams AG AS7030B Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 31
Addr: 0x19
LED4_CURRH
Bit
Bit Name
Default
Access
Bit Description
3FFh: 100 mA
------------------------------------------
cs3_boost = 1
V_Dmin = 0.7 V
Coding for curr1[9:0]:
000h: 786 µA
001h: 980 µA (1 LSB=194 µA with cs1_boost=1)
002h: 1.74 mA
166h: 70 mA
3FFh: 200 mA
LED12_MODE Register (Address 0x2c)
Figure 21:
LED12_MODE Register
Addr: 0x2c
LED12_MODE
Bit
Bit Name
Default
Access
Bit Description
7
man-sw_led2
0
RW
Function enabled only in manual mode
0: LED output D2 disabled. (High impedance)
1: LED output D2 enabled
6.4
led2_mode
0
RW
LED2 mode
Settings
Behavior
000
Always OFF
001
Always ON when sequencer is active
010
Controlled by sequencer
011
Controlled by sequencer, only ON in
even iterations: 0, 2, 4 etc.
100
Controlled by sequencer, only ON in
odd iterations: 1, 3, 5 etc.
101
Controlled by sequencer, only ON in
every fourth iteration, starting at 1: 1,
5, 9 etc.
110
Controlled by sequencer: secondary
LED timing
111
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com