Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 10 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 10 Page - ams AG

Back Button AS7030B Datasheet HTML 6Page - ams AG AS7030B Datasheet HTML 7Page - ams AG AS7030B Datasheet HTML 8Page - ams AG AS7030B Datasheet HTML 9Page - ams AG AS7030B Datasheet HTML 10Page - ams AG AS7030B Datasheet HTML 11Page - ams AG AS7030B Datasheet HTML 12Page - ams AG AS7030B Datasheet HTML 13Page - ams AG AS7030B Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
Document Feedback
AS7030B
Pin Assignment
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 9
Pin Number
Pin Name
Pin Type
(1)
Description
19
SIGREF_ECG
AO
Analog reference output. Connect 2.2
μF
capacitor to GND
(e.g. 0402 sized capacitor
GRM153R60J225ME95 or 0201 sized
GRM033R60J225ME47 from Murata
–
needs to have >1
μF specified for 1.0 V
voltage bias); do not load externally
The typical operating voltage on this pin is
0.6 V (sigref_en=1)
20
SIGREF
AO
Analog reference output. Connect 2.2
μF
capacitor to GND
(e.g. 0402 sized capacitor
GRM153R60J225ME95 or 0201 sized
GRM033R60J225ME47 from Murata
–
needs to have >1
μF specified for 1.0 V
voltage bias); do not load externally
The typical operating voltage on this pin is
0.6 V (sigref_en=1)
21
VD2
AI
Supply voltage for LED D2
22
VD4
AI
Supply voltage for LED D4
(1)
DI
Digital Input
DO
Digital Output
DIO
Digital IO
AI
Analog Input
AO
Analog Output
GPIO
General Purpose IO
P
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com