Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 48 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 48 Page - ams AG

Back Button AS7030B Datasheet HTML 44Page - ams AG AS7030B Datasheet HTML 45Page - ams AG AS7030B Datasheet HTML 46Page - ams AG AS7030B Datasheet HTML 47Page - ams AG AS7030B Datasheet HTML 48Page - ams AG AS7030B Datasheet HTML 49Page - ams AG AS7030B Datasheet HTML 50Page - ams AG AS7030B Datasheet HTML 51Page - ams AG AS7030B Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 47
Information
The integration time tINT is defined either by the sequencer (man_mode=0) of manually
through the bit sw_itg if man_mode=1. For the synchronous demodulator only use the
resistive feedback.
7.1.9
Optical Front End Operating Modes
Once the photodiode amplifier is configured the measurement can be done in two different ways.
Either the LED-outputs, the photodiode amplifier and the ADC are controlled manually by means of
register bits, or they are controlled by a built in sequencer.
Manual Operation of the Optical Frontend:
The optical front end can be manually controlled via the register man_mode=1
Figure 39:
Optical Frontend
(1)
Applies only if man_mode=1.
For manual operation of the LEDs and its current sinks see 7.1.2 LED-Driver
7.1.10
Sequencer
In order to synchronize the LED-currents, the integration time and the ADC-sampling time, a built in
sampling sequencers can be used. The sequencer generates the 8-bit-timings based on a 1 µs clock
pd_ampcap
pd_ampres
pd_amp_en
man_sw_itg
pd1
pd2
pd3
pd4
pdi_1
pdi_0
ADC
adc_channel_mask_tia
is set?
Start conversion:
seq_en=1
End of conversion: seq_en returns to 0
pdoffx
pdoffx_ledon
any LED on?
GPIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com