Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7030B Datasheet(PDF) 9 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 9 Page - ams AG

Back Button AS7030B Datasheet HTML 5Page - ams AG AS7030B Datasheet HTML 6Page - ams AG AS7030B Datasheet HTML 7Page - ams AG AS7030B Datasheet HTML 8Page - ams AG AS7030B Datasheet HTML 9Page - ams AG AS7030B Datasheet HTML 10Page - ams AG AS7030B Datasheet HTML 11Page - ams AG AS7030B Datasheet HTML 12Page - ams AG AS7030B Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
Document Feedback
AS7030B
Pin Assignment
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 8
3.2
Pin Description
Figure 4:
Pin Description of AS7030B
Pin Number
Pin Name
Pin Type
(1)
Description
1
VD1
AI
Supply voltage for LED D1
2
VD3
AI
Connection to current sink 3
3
GND
G
Power supply ground. All voltages are
referenced to GND.
4
ECG_INP
AI
ECG amplifier positive input
5
ECG_INN
AI
ECG amplifier negative input
6
ECG_REF
AO
ECG amplifier reference output
7
ENABLE
DI
Enable input for AS7030B. Active high.
Setting this input to low resets all internal
registers and the AS7030B enters power
down mode. Setting it high allows
operation of the AS7030B.
If ENABLE is not used (AS7030B always
enabled), connect to VDD.
8
INT
DO
Open drain interrupt output pin. Active
low.
9
SCL
DI
I²C serial clock input terminal
– the device
does not use clock stretching therefore
SCL is only an input terminal.
10
SDA
DIO
I²C serial data I/O terminal
– open drain.
11
NC
Not connect
12
VDD
P
Supply voltage. Connect a 2.2
μF
capacitor to GND.
13
GPIO0
GPIO
General purpose input/output
14
GPIO1
GPIO
General purpose input/output
15
GPIO2
GPIO
General purpose input/output
16
GPIO3
GPIO
General purpose input/output
17
V_LDO
AO
1.9 V output voltage. Connect 2.2
μF
capacitor to GND
(e.g. 0402 sized capacitor
GRM153R60J225ME95 or 0201 sized
GRM033R60J225ME47 from Murata
–
needs to have >1
μF with 1.0 V voltage
bias); do not load externally
18
AGND
GND
Analog ground. Connect to low noise
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com