Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 9Page - Laird Tech Smart Technology 77-059 Datasheet HTML 10Page - Laird Tech Smart Technology 77-059 Datasheet HTML 11Page - Laird Tech Smart Technology 77-059 Datasheet HTML 12Page - Laird Tech Smart Technology 77-059 Datasheet HTML 13Page - Laird Tech Smart Technology 77-059 Datasheet HTML 14Page - Laird Tech Smart Technology 77-059 Datasheet HTML 15Page - Laird Tech Smart Technology 77-059 Datasheet HTML 16Page - Laird Tech Smart Technology 77-059 Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
ORDERING INFORMATION
1.11
www.lairdtech.com
PART NUMBER FORMAT:
Example:
Stock Item
Unique Part No.
Finish I.D.
0 0 9 7
—
0 5 2 0
—
0 2
• In the above example, Laird Technologies part number 0097-0520-02
is a 97-520 RFI/EMI shielding gasket with a bright finish
• When ordering UltraSoft® items, the stock item prefix will be 0098
or 0078. The above example in UltraSoft would be 0098-0520-02.
• When ordering coil, the prefix 0C should precede the stock item
number; for example: 0C97, 0C98, 0C77 or 0C78
• When ordering stainless steel items, the stock item prefix will be 0095
• Standard plating finish is 0.0001 in. (0.0025 mm) min. [gold 0.00005
in. (0.0013 mm) min.] but can be varied to meet your custom needs
• Modifications to standard parts are specified by an X (following finish
I.D.) for quoting only. Upon ordering, a specific part number will be
assigned.
• For tape options, see Adhesive Mounting — Sticky Fingers
® on page 1-10
• Use the catalog number for the unique part number and refer to the
following chart for finish I.D.
REQUIRED FINISH
FINISH
SPECIFICATIONS
I.D. #
Bright Finish
——
——
02
Solderable Unplated
——
——
21
Gold
Gold
ASTM B-488/SAE AMS 2422
03
Nickel Underplate
QQ-N-290 / ASTM B-488
10
Gold Contips®
ASTM B-488/SAE AMS 2422
13
Gold Contips / Gold Plate
ASTM B-488 / SAE AMS 2422
14
Silver
Silver
ASTM B-700
04
Silver Contips
ASTM B-700
11
Silver Contips / Plating
ASTM B-700
12
Silver Plate / Gold Contips
ASTM B-700/ASTM B-488
20
Cadmium
Yellow Chromate
QQ-P-416
05
Clear Chromate
QQ-P-416
06
Tin Lead*
Solder
SAE AMS-P-81728
07
Nickel
Dull
QQ-N-290
09
Bright
QQ-N-290
19
Engineering (Sulfamate)
SAE AMS 2424
24
Electroless Nickel
Mid Phos Electroless Nickel
MIL-C-26074
18
Tin
Satin
ASTM B-545
08
Bright
ASTM B-545
17
Zinc
Yellow Chromate
SAE AMS 2402
16
Clear Chromate
SAE AMS 2402
15
Rhodium
Rhodium
ASTM B-634
22
Stainless Steel
Passivation
SAE AMS QQ-P-35
——
*Not recommended for Foldover Series.
Note: Refer to page 5-2 for Metals Galvanic Compatibility Chart.
PLATING FINISHES
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 1.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com