Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 61 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 61 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 56Page - Laird Tech Smart Technology 77-059 Datasheet HTML 57Page - Laird Tech Smart Technology 77-059 Datasheet HTML 58Page - Laird Tech Smart Technology 77-059 Datasheet HTML 59Page - Laird Tech Smart Technology 77-059 Datasheet HTML 60Page - Laird Tech Smart Technology 77-059 Datasheet HTML 61Page - Laird Tech Smart Technology 77-059 Datasheet HTML 62Page - Laird Tech Smart Technology 77-059 Datasheet HTML 63Page - Laird Tech Smart Technology 77-059 Datasheet HTML 64Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
CORROSION OF EMI GASKETS
5.1
www.lairdtech.com
GALVANIC CORROSION OF METALS
The galvanic series is a common means of ranking the relative activity of
metallic couples. The galvanic series does not provide a measure of the
corrosion current which will flow in a dissimilar metal couple, but it does
indicate which couples are likely to incur significant corrosion damage. In
galvanic couples consisting of two very incompatible metals, it is possible to
reduce the corrosion rate through good design practice. In this situation, it is
best to maximize the ratio of anode to cathode surface areas. For a particular
current density, the corrosion rate on the more anodic metal will be lower
the larger this ratio, because the corrosion reaction is spread over a larger
surface area. In addition, if corrosion products build up on the cathode, they
will build at a faster rate the smaller the surface area of the cathode relative
to the anode. In this situation, the deposits could create a barrier that slows
down corrosion.
The above technique is used in reverse to enhance the performance of electrical
contacts. It is desirable that electrical contacts remain clean to provide a low
resistance connection. When corrosion occurs, metal is removed from the
more anodic metal. This process cleans the more anodic metal. By making
the electrical contact out of one metal and surrounding it by a larger surface
area of a more cathodic metal, the contact will be cleaned by the corrosion
reaction. The contact may corrode away eventually, but it will function more
reliably during its shortened life.
The probability that two dissimilar metals will corrode when coupled together
can be predicted from their difference in the electrochemical potentials. This
information is tabulated in the Metals Galvanic Compatibility Chart on page
5-2. The common metals and their anodic index are listed along the left side
of the chart. The metals are grouped in 0.05 volt increments, with some of
the groups containing no common metals. Group Number One (left hand
column) contains the most cathodic metals and has an anodic index of zero.
The anodic index increases as metals become more anodic. The arrow (on the
far right hand side of the chart) points in the direction of increasingly anodic
metals. On the right side of the chart, typical finishes available on metallic parts
manufactured by Laird Technologies are listed along the top. The colored bars
indicate the galvanic compatibility of these common finishes to the metals listed
on the left. The color code is based on both the electrochemical differences
between the metals and the finishes and the corrosiveness of the environment.
The chart shows that the force that drives the corrosion reactions is directly
related to the electrochemical difference between any two metals. By reducing
this difference, the corrosion rate is decreased.
BASIC CORROSION PREVENTION
Whenever possible, avoid the use of dissimilar metals. The following five steps
may be taken to prevent, or at least minimize corrosion potential in the
event that it is necessary to use dissimilar metals in intimate contact with one
another:
1. Limit contact between metals with widely different electrochemical
potentials. The Metals Galvanic Compatibility Chart, on page 5-2, indicates
which metal pairs have large differences in electrochemical potential.
2. Insert a third metal between the two dissimilar metals which reduces the
potential difference of the galvanic couple. For example, nickel or tin plated
copper is suitable for use with aluminum and silver combinations.
3. Design the flange interface so that the surface area of the anodic metal
is significantly larger than the cathodic metal. The electromotive force
(EMF) difference remains the same. However, the current density is
decreased, so the corrosive attack on the cathodic metal is reduced.
4. Eliminate moisture, salts and other electrolytes from entering the
joint interface by improved flange design or, if not possible, use an
environmental seal outboard of the conductive element in a dual
EMI shield/environmental seal.
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com