Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 30 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 30 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 26Page - Laird Tech Smart Technology 77-059 Datasheet HTML 27Page - Laird Tech Smart Technology 77-059 Datasheet HTML 28Page - Laird Tech Smart Technology 77-059 Datasheet HTML 29Page - Laird Tech Smart Technology 77-059 Datasheet HTML 30Page - Laird Tech Smart Technology 77-059 Datasheet HTML 31Page - Laird Tech Smart Technology 77-059 Datasheet HTML 32Page - Laird Tech Smart Technology 77-059 Datasheet HTML 33Page - Laird Tech Smart Technology 77-059 Datasheet HTML 34Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CLIP-ON TWIST SERIES
2.17
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Ideal for general shielding applications where mounting space is at a premium,
Clip-On Twist Series strips combine the performance advantages of scientific
twist design with the strength of clip-on mounting.
Clip-On Twist Series gaskets are offered in four different widths, each available
in either equal leg or offset leg configurations. In addition, each offset leg
configuration is available with Poron® rubber environmental gaskets for dust
and moisture resistance, as well as with “D” lances that snap into 0.100 in.
(2.540 mm) diameter holes to provide added mounted strength.
This series offers shielding effectiveness > 115 dB for a 100 MHz plane
wave and is provided in standard 16.000 in. (406.400 mm) lengths. All
are available in your choice of finishes, see page 1-11. For load/deflection
data, see page 2-33.
These 97-Series products are also available in UltraSoft
® low compression
force 98-Series.
97-552, 589
97-563
97-572
97-580
97-576
97-584
A
C*
B
D
E
D
C*
A
E
B
*Variations in the clip-on area are
available. Consult sales department.
DETAIL OF
“D”
LANCE
97-572, 97-580, 97-576, 97-584
97-552, 97-563, 97-568
97-568
97-589
CLIP-ON TWIST SERIES
SERIES
A
B
C
D
E
PITCH
SLOT
APPROX.
PART NO.
LENGTH
WITH
WITH
WITH “D” LANCE
“D” LANCE
PORON®
WITH PORON®
97-552
0.150
0.030
0.070
0.150
0.003
0.095
0.015
16.000
97-553
——
(3.810)
(0.762)
(1.778)
(3.810)
(0.076)
(2.413)
(0.381)
(406.400)
97-563
0.210
0.070
0.070
0.210
0.003
0.165
0.015
16.000
97-564
——
(5.334)
(1.778)
(1.778)
(5.334)
(0.076)
(4.191)
(0.381)
(406.400)
97-568*
0.414
0.210
0.070
0.414
0.003
0.500
0.015
16.000
——
—
(10.516)
(5.334)
(1.778)
(10.516)
(0.076)
(12.700)
(0.381)
(406.400)
97-572
0.275
0.030
0.070
0.175
0.003
0.095
0.015
16.000
97-574
97-573
97-575
(6.985)
(0.762)
(1.778)
(4.445)
(0.076)
(2.413)
(0.381)
(406.400)
97-576
0.378
0.075
0.070
0.250
0.003
0.165
0.015
16.000
97-578
97-577
97-579
(9.601)
(1.905)
(1.778)
(6.350)
(0.076)
(4.191)
(0.381)
(406.400)
97-580
0.275
0.030
0.050
0.175
0.003
0.095
0.015
16.000
97-582
97-581
97-583
(6.985)
(0.762)
(1.270)
(4.445)
(0.076)
(2.413)
(0.381)
(406.400)
97-584
0.378
0.075
0.050
0.250
0.003
0.165
0.015
16.000
97-586
97-585
97-587
(9.601)
(1.905)
(1.270)
(6.350)
(0.076)
(4.191)
(0.381)
(406.400)
97-589
0.230
0.031
0.070
0.160
0.003
0.095
0.015
24.000
——
—
(5.842)
(0.787)
(1.778)
(4.064)
(0.076)
(2.413)
(0.381)
(609.000)
97-590
0.160
0.030
0.040
0.160
0.003
0.095
0.015
16.000
97-593
——
(4.064)
(0.762)
(1.016)
(4.064)
(0.076)
(2.413)
(0.381)
(406.400)
*Standard with “D” Lance
0.230
(5.842)
0.031
(0.787)
30°
0.041
(1.041)
0.025
(0.635)
0.160
(4.064)
R.0.035
(0.889)
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com