Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 54 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 54 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 50Page - Laird Tech Smart Technology 77-059 Datasheet HTML 51Page - Laird Tech Smart Technology 77-059 Datasheet HTML 52Page - Laird Tech Smart Technology 77-059 Datasheet HTML 53Page - Laird Tech Smart Technology 77-059 Datasheet HTML 54Page - Laird Tech Smart Technology 77-059 Datasheet HTML 55Page - Laird Tech Smart Technology 77-059 Datasheet HTML 56Page - Laird Tech Smart Technology 77-059 Datasheet HTML 57Page - Laird Tech Smart Technology 77-059 Datasheet HTML 58Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
METAL CONNECTOR SHIELDS
STAINLESS STEEL I/O SHIELDING
3.1
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
95-1000
0.100
(2.540)
0.113
(2.870) REF
0.015
(0.381)
0.028 (0.711)
0.113 (2.870)
0.037 (0.940)
0.490 (12.446) TYP
0.345 (8.763)
0.420
(10.668)
TYP
0.360
(9.144) TYP
0.310 (7.874) TYP
4.725
(120.015)
3.943
(100.152)
0.662
(16.815)
A
DETAIL “A”
0.800 (20.320) TYP
0.155 (3.937)
0.210 (5.334) TYP
0.290 (7.366) TYP
0.430
(10.922)
TOP VIEW
Laird Technologies offers its line of card cage shielding, designed to provide
EMI/RFI shielding between the chassis and the slot covers.
• Provides a single gasket solution for a multiple of slot covers
• Material thickness of 0.004 in. (0.102 mm) insures low closure force and
eliminates possible distortion of mating parts
• 18 contact fingers per rib provides contact points over length of the I/O
bracket shield
• Superior contact finger design faces the card cage portion insuring
snag-free insertion of add-in cards
• Stainless steel design provides galvanic compatibility to most enclosure
materials
• Adaptable tooling allows for 1-21 slot configurations with no tooling cost
• Variable rib widths are available upon request
To discuss your particular application, please contact our sales department.
HOW TO ORDER
All parts start with 009510 as the first six digits. The next two digits designate
the number of slots in the part. The last two digits will be 00 for all standard
configurations. Example: 0095-1018-00 represents an 18 slot part.
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com